| Electronic Components Datasheet Search |
|
LPC178X Datasheet(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC178X Datasheet(HTML) 29 Page - NXP Semiconductors |
|
29 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 29 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P3[19] 161 B14 - - [3] I; PU I/O P3[19] — General purpose digital input/output pin. I/O EMC_D[19] — External memory data line 19. O PWM0[4] — Pulse Width Modulator 0, output 4. I U1_DCD — Data Carrier Detect input for UART1. P3[20] 167 A13 - - [3] I; PU I/O P3[20] — General purpose digital input/output pin. I/O EMC_D[20] — External memory data line 20. O PWM0[5] — Pulse Width Modulator 0, output 5. I U1_DSR — Data Set Ready input for UART1. P3[21] 175 C10 - - [3] I; PU I/O P3[21] — General purpose digital input/output pin. I/O EMC_D[21] — External memory data line 21. O PWM0[6] — Pulse Width Modulator 0, output 6. O U1_DTR — Data Terminal Ready output for UART1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART1. P3[22] 195 C6 - - [3] I; PU I/O P3[22] — General purpose digital input/output pin. I/O EMC_D[22] — External memory data line 22. I PWM0_CAP0 — Capture input for PWM0, channel 0. I U1_RI — Ring Indicator input for UART1. P3[23] 65 T6 M4 45 [3] I; PU I/O P3[23] — General purpose digital input/output pin. I/O EMC_D[23] — External memory data line 23. I PWM1_CAP0 — Capture input for PWM1, channel 0. I T0_CAP0 — Capture input for Timer 0, channel 0. P3[24] 58 R5 N3 40 [3] I; PU I/O P3[24] — General purpose digital input/output pin. I/O EMC_D[24] — External memory data line 24. O PWM1[1] — Pulse Width Modulator 1, output 1. I T0_CAP1 — Capture input for Timer 0, channel 1. P3[25] 56 U2 M3 39 [3] I; PU I/O P3[25] — General purpose digital input/output pin. I/O EMC_D[25] — External memory data line 25. O PWM1[2] — Pulse Width Modulator 1, output 2. O T0_MAT0 — Match output for Timer 0, channel 0. P3[26] 55 T3 K7 38 [3] I; PU I/O P3[26] — General purpose digital input/output pin. I/O EMC_D[26] — External memory data line 26. O PWM1[3] — Pulse Width Modulator 1, output 3. O T0_MAT1 — Match output for Timer 0, channel 1. I STCLK — System tick timer clock input. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |