Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 31Page - NXP Semiconductors LPC178X Datasheet HTML 32Page - NXP Semiconductors LPC178X Datasheet HTML 33Page - NXP Semiconductors LPC178X Datasheet HTML 34Page - NXP Semiconductors LPC178X Datasheet HTML 35Page - NXP Semiconductors LPC178X Datasheet HTML 36Page - NXP Semiconductors LPC178X Datasheet HTML 37Page - NXP Semiconductors LPC178X Datasheet HTML 38Page - NXP Semiconductors LPC178X Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
35 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
[1]
PU = internal pull-up enabled (for VDD(REG)(3V3) = 3.3 V, pulled up to 3.3 V); IA = inactive, no pull-up/down enabled; F = floating; floating
pins, if not used, should be tied to ground or power to minimize power consumption.
VDD(REG)(3V3)
26,
86,
174
H4,
P11,
D11
G1,
N9,
E9
18,
60,
121
S
3.3 V regulator supply voltage: This is the power supply for
the on-chip voltage regulator that supplies internal logic.
VDDA
20
G4
F2
14
S
Analog 3.3 V pad supply voltage: This can be connected to
the same supply as VDD(3V3) but should be isolated to minimize
noise and error. This voltage is used to power the ADC and
DAC. Note: this pin should be tied to 3.3V if the ADC and
DAC are not used.
VDD(3V3)
15,
60,
71,
89,
112,
125,
146,
165,
181,
198
G3,
P6,
P8,
U13,
P17,
K16,
C17,
B13,
C9,
D7
E2,
L4,
K8,
L11,
J14,
E12,
E10,
C5
41,
62,
77,
102,
114,
138
S
3.3 V supply voltage: This is the power supply voltage for I/O
other than pins in the VBAT domain.
VREFP
24
K1
G2
17
S
ADC positive reference voltage: This should be the same
voltage as VDDA, but should be isolated to minimize noise and
error. The voltage level on this pin is used as a reference for
ADC and DAC. Note: this pin should be tied to 3.3V if the
ADC and DAC are not used.
VSS
33,
63,
77,
93,
114,
133,
148,
169,
189,
200
L3,
T5,
R9,
P12,
N16,
H14,
E15,
A12,
B6,
A2
H4,
P4,
L9,
L13,
G13,
D13,
C11,
B4
44,
65,
79,
103,
117,
139
G
Ground: 0 V reference for digital IO pins.
VSSREG
32,
84,
172
D12,
K4,
P10
H3,
L8,
A10
22,
59,
119
G
Ground: 0 V reference for internal logic.
VSSA
22
J2
F3
15
G
Analog ground: 0 V power supply and reference for the ADC
and DAC. This should be the same voltage as VSS, but should
be isolated to minimize noise and error.
XTAL1
44
M4
L2
31
[14]
[16]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
46
N4
K4
33
[14]
[16]
O
Output from the oscillator amplifier.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com