Electronic Components Datasheet Search
  English  ▼

X  

LPC178X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC178X
Description  32-bit ARM Cortex-M3 microcontroller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC178X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC178X Datasheet HTML 72Page - NXP Semiconductors LPC178X Datasheet HTML 73Page - NXP Semiconductors LPC178X Datasheet HTML 74Page - NXP Semiconductors LPC178X Datasheet HTML 75Page - NXP Semiconductors LPC178X Datasheet HTML 76Page - NXP Semiconductors LPC178X Datasheet HTML 77Page - NXP Semiconductors LPC178X Datasheet HTML 78Page - NXP Semiconductors LPC178X Datasheet HTML 79Page - NXP Semiconductors LPC178X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
76 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
10.2 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the PCONP register. All
other blocks are disabled and no code is executed. Measured on a typical sample at
Tamb =25 C. The peripheral clock was set to PCLK = CCLK/4 with CCLK = 12 MHz,
48 MHz, and 120 MHz.
The combined current of several peripherals running at the same time can be less than
the sum of each individual peripheral current measured separately.
Table 12.
Power consumption for individual analog and digital blocks
Tamb =25 C, VDD(REG)(3V3) = <tbd> V. PCLK = CCLK/4.
Peripheral
Conditions
Typical supply current in mA
12 MHz
48 MHz
120 MHz
Timer0
0.01
0.06
0.15
Timer1
0.02
0.07
0.16
Timer2
0.02
0.07
0.17
Timer3
0.01
0.07
0.16
Timer0 + Timer1 + Timer2 + Timer3
0.07
0.28
0.67
UART0
0.05
0.19
0.45
UART1
0.06
0.24
0.56
UART2
0.05
0.2
0.47
UART3
0.06
0.23
0.56
USART4
0.07
0.27
0.66
UART0 + UART1 + UART2 + UART3 +
USART4
0.29
1.13
2.74
PWM0 + PWM1
0.08
0.31
0.75
Motor control PWM
0.04
0.15
0.36
I2C0
0.01
0.03
0.08
I2C1
0.01
0.03
0.1
I2C2
0.01
0.03
0.08
I2C0 + I2C1 + I2C2
0.02
0.1
0.26
SSP0
0.03
0.1
0.26
SSP1
0.02
0.11
0.27
DAC
0.3
0.31
0.33
ADC (12 MHz clock)
1.51
1.61
1.7
CAN1
0.11
0.44
1.08
CAN2
0.1
0.4
0.98
CAN1 + CAN2
0.15
0.59
1.44
DMA
PCLK = CCLK
1.1
4.27
10.27
QEI
0.02
0.11
0.28
GPIO
0.4
1.72
4.16
LCD
0.99
3.84
9.25
I2S
0.04
0.18
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com