| Electronic Components Datasheet Search |
|
LPC178X Datasheet(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC178X Datasheet(HTML) 15 Page - NXP Semiconductors |
|
15 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 15 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P0[22] 116 N17 L14 80 [6] I; PU I/O P0[22] — General purpose digital input/output pin. O U1_RTS — Request to Send output for UART1. Can also be configured to be an RS-485/EIA-485 output enable signal for UART1. I/O SD_DAT[0] — Data line 0 for SD card interface. O U4_TXD — Transmitter output for USART4 (input/output in smart card mode). O CAN_TD1 — CAN1 transmitter output. P0[23] 18 H1 F5 13 [5] I; PU I/O P0[23] — General purpose digital input/output pin. I ADC0_IN[0] — A/D converter 0, input 0. When configured as an ADC input, the digital function of the pin must be disabled. I/O I2S_RX_SCK — Receive Clock. It is driven by the master and received by the slave. Corresponds to the signal SCK in the I2S-bus specification. I T3_CAP0 — Capture input for Timer 3, channel 0. P0[24] 16 G2 E1 11 [5] I; PU I/O P0[24] — General purpose digital input/output pin. I ADC0_IN[1] — A/D converter 0, input 1. When configured as an ADC input, the digital function of the pin must be disabled. I/O I2S_RX_WS — Receive Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I T3_CAP1 — Capture input for Timer 3, channel 1. P0[25] 14 F1 E4 10 [5] I; PU I/O P0[25] — General purpose digital input/output pin. I ADC0_IN[2] — A/D converter 0, input 2. When configured as an ADC input, the digital function of the pin must be disabled. I/O I2S_RX_SDA — Receive data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. O U3_TXD — Transmitter output for UART3. P0[26] 12 E1 D1 8 [7] I; PU I/O P0[26] — General purpose digital input/output pin. I ADC0_IN[3] — A/D converter 0, input 3. When configured as an ADC input, the digital function of the pin must be disabled. O DAC_OUT — D/A converter output. When configured as the DAC output, the digital function of the pin must be disabled. I U3_RXD — Receiver input for UART3. P0[27] 50 T1 L3 35 [8] <tb d> I/O P0[27] — General purpose digital input/output pin. I/O I2C0_SDA — I2C0 data input/output. (this pin uses a specialized I2C pad). I/O USB_SDA1 — I2C serial data for communication with an external USB transceiver. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |