Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 2Page - IC-Haus GmbH IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH IC-NQL Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 6/24
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDDA = VDD = 5 V ±10 %, Tj = -40 ... 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
Functionality and parameters beyond the operating conditions (with reference to independent voltage supplies, for instance)
are to be verified within the individual application using FMEA methods.
001
VDDA,
VDD
Permissible Supply Voltage
4.5
5.5
V
002
I(VDDA)
Supply Current in VDDA
fin() = 200 kHz; A, B, Z open
15
mA
003
I(VDD)
Supply Current in VDD
fin() = 200 kHz; A, B, Z open
20
mA
004
Von
Turn-on Threshold VDDA, VDD
3.2
4.4
V
005
Vhys
Turn-on Threshold Hysteresis
200
mV
006
Vc()hi
Clamp Voltage hi at
PSIN, NSIN, PCOS, NCOS,
PZERO, NZERO, VREF
Vc()hi = V() - VDDA;
0.3
1.6
V
I() = 1 mA, other pins open
007
Vc()lo
Clamp Voltage lo at
PSIN, NSIN, PCOS, NCOS,
PZERO, NZERO, VREF, NERR,
SCL, SDA, A, B, Z
I() = -1 mA, other pins open
-1.6
-0.3
V
008
Vc()hi
Clamp Voltage hi at
NERR, SCL, SDA,
A, B, Z
Vc()hi = V() - VDD;
0.3
1.6
V
I() = 1 mA, other pins open
Input Amplifiers PSIN, NSIN, PCOS, NCOS
101
Vos()
Input Offset Voltage
Vin() and G() in accordance with table GAIN;
G ≥ 20
-10
10
mV
G < 20
-15
15
mV
102
TCos
Input Offset Voltage
Temperature Drift
see 101
±10
µV/K
103
Iin()
Input Current
V() = 0 V ... VDDA
-50
50
nA
104
GA
Gain Accuracy
G() in accordance with table GAIN
95
102
%
105
GArel
Gain SIN/COS Ratio Accuracy
G() in accordance with table GAIN
97
103
%
106
fhc
Cut-off Frequency
G = 80
150
kHz
G = 2.667
630
kHz
107
SR
Slew Rate
G = 80
2.3
V/µs
G = 2.667
8.0
V/µs
Sin/D Conversion: Accuracy
201
AAabs
Absolute Angle Accuracy without
calibration
referred to 360° input signal, G = 2.667,
Vin = 1.5 Vpp, HYS = 0
-1.0
1.0
DEG
202
AAabs
Absolute Angle Accuracy after
calibration
referred to 360° input signal, HYS = 0, internal
signal amplitude of 2 ... 4 Vpp
-0.5
±0.35
+0.5
DEG
203
AArel
Relative Angle Accuracy
referred to output signal period of A/B,
-10
10
%
G = 2.667, Vin = 1.5 Vpp, SELRES = 1024,
FCTR = 0x0004 ... 0x00FF, fin < finmax
(see table 14)
Reference Voltage VREF
801
VREF
Reference Voltage
I(VREF) = -1 mA ... +1 mA
48
52
%
VDDA
Oscillator
A01
fosc()
Oscillator Frequency
presented at SCL with subdivision
of 2048;
VDDA = VDD = 5 V ±10 %
52
90
MHz
VDDA = VDD = 5 V
60
72
83
MHz
A02
TCosc
Oscillator Frequency Tempera-
ture Drift
VDDA = VDD = 5 V
-0.1
%/K
A03
VCosc
Oscillator Frequency Power Sup-
ply Dependance
+10.6
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com