Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH IC-NQL Datasheet HTML 10Page - IC-Haus GmbH IC-NQL Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 7/24
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDDA = VDD = 5 V ±10 %, Tj = -40 ... 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Zero Comparator
B01
Vos()
Input Offset Voltage
V() = Vcm()
-20
20
mV
B02
Iin()
Input Current
V() = 0 V ... VDDA
-50
50
nA
B03
Vcm()
Common-Mode Input Voltage
Range
1.4
VDDA-
1.5
V
B04
Vdm()
Differential Input Voltage Range
0
VDDA
V
Incremental Outputs A, B, Z
SSI Interface Output DATA
D01
Vs()hi
Saturation Voltage hi
Vs()hi = VDD - V(); I() = -4 mA
0.4
V
D02
Vs()lo
Saturation Voltage lo
I() = 4 mA
0.4
V
D03
tr()
Rise Time
CL() = 50 pF
60
ns
D04
tf()
Fall Time
CL() = 50 pF
60
ns
D05
RL()
Permissible Load at A, B
TMA = 1 (calibration mode)
1
MΩ
SSI Interface: Input CLK
E01
Vt()hi
Threshold Voltage hi
2
V
E02
Vt()lo
Threshold Voltage lo
0.8
V
E03
Vt()hys
Hysteresis
Vt()hys = Vt()hi - Vt()lo
300
mV
E04
Ipu()
Pull-up Current in CLK
V() = 0 ... VDD - 1 V
-240
-120
-25
µA
E05
fclk()
Permissible Clock Frequency at
CLK
4
MHz
E06
tp(CLK-
DATA)
Propagation Delay: CLK edge vs.
DATA output
all modes, RL(SLO) ≥ 1 kΩ
10
50
ns
E07
tbusy()
Processing Time
0
E08
ttos()
Timeout
CFGTOS = 0x01 iC-NQL_X3
16
µs
CFGTOS = 0x01, iC-NQL_3
20
µs
EEPROM Interface, Control Logic: Inputs SDA, NERR
F01
Vt()hi
Threshold Voltage hi
2
V
F02
Vt()lo
Threshold Voltage lo
0.8
V
F03
Vt()hys
Hysteresis
Vt()hys = Vt()hi - Vt()lo
300
mV
F04
tbusy()cfg
Duration of Startup Configuration error free EEPROM access
5
7
ms
EEPROM Interface, Control Logic: Outputs SDA, SCL, NERR
G01
f()
Write/Read Clock at SCL
20
100
kHz
G02
Vs()lo
Saturation Voltage lo
I() = 4 mA
0.45
V
G03
Ipu()
Pull-up Current
V() = 0 ... VDD - 1 V
-600
-300
-75
µA
G04
ft()
Fall Time
CL() = 50 pF
60
ns
G05
tmin()lo
Error Signal Indication Time at
NERR (lo signal)
CLK = hi, no amplitude or frequeny error
10
ms
G06
Tpwm()
Duty Cycle Of Error Indication at
NERR
fosc() subdivided by 222
60.7
ms
G07
t()lo
Duty Cycle Of Error Indication at
NERR
signal duration low to high;
AERR = 0 (amplitude error)
75
%
FERR = 0 (frequency error)
50
%
G08
RL()
Permissible Load at SDA, SCL
TMA = 1 (calibration mode)
1
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com