Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH IC-NQL Datasheet HTML 10Page - IC-Haus GmbH IC-NQL Datasheet HTML 11Page - IC-Haus GmbH IC-NQL Datasheet HTML 12Page - IC-Haus GmbH IC-NQL Datasheet HTML 13Page - IC-Haus GmbH IC-NQL Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 10/24
PARAMETERS and REGISTERS
Register Description . . . . . . . . . . . . . . . . . . . . . . . Page 10
Signal Conditioning . . . . . . . . . . . . . . . . . . . . . . . Page 11
GAIN:
Gain Select
SINOFFS:
Offset Calibration Sine
COSOFFS:
Offset Calibration Cosine
REFOFFS:
Offset Calibration Reference
RATIO:
Amplitude Calibration
PHASE:
Phase Calibration
Converter Function . . . . . . . . . . . . . . . . . . . . . . . . Page 12
SELRES:
Resolution
HYS:
Hysteresis
FCTR:
Max. Permissible Converter Frequency
Incremental Signals . . . . . . . . . . . . . . . . . . . . . . . Page 15
CFGABZ:
Output A, B, Z
ROT:
Direction of Rotation
ENRESDEL: Output Turn-On Delay
ZPOS:
Zero Signal Position
CFGZ:
Zero Signal Length
CFGAB:
Zero Signal Logic
Signal Monitoring
and Error Messages . . . . . . . . . . . . . . . . . . . . . . . Page 17
SELAMPL:
Amplitude Monitoring, function
AMPL:
Amplitude Monitoring, thresholds
AERR:
Amplitude Error
FERR:
Frequency Error
Test Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 18
TMODE:
Test Mode
TMA:
Analog Test Mode
SSI Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 19
CFGTOS:
Interface Timeout
CFGSSI:
SSI Output Options
OVERVIEW
Adr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
0
0
0
SELRES(4:0)
0x01
HYS(2:0)
ZPOS(4:0)
0x02
ENRESDEL
1
ROT
0
CFGABZ(1:0)
CFGZ(1:0)
0x03
CFGSSI(1:0)
CFGAB(1:0)
0
0
AERR
FERR
0x04
FCTR(7:0)
0x05
0
FCTR(14:8)
0x06
0
0
CFGTOS(1:0)
TMODE(2:0)
TMA
0x07
0
0
0
0
0
0
0
0
0x08
GAIN(3:0)
RATIO(3:0)
0x09
SINOFFS(7:0)
0x0A
COSOFFS(7:0)
0x0B
PHASE(5:0)
REFOFFS
RATIO(4)
0x0C
0
0
0
0
0
SELAMPL
AMPL(1:0)
0x0D
0
0
0
0
0
0
0
0
0x0E
0
0
0
0
0
0
0
0
0x0F
CRC_E2P(7:0) - check value read from the EEPROM for addresses 0x00 to 0x0E
Note
Registers not in use must be set to zero unless otherwise noted.
Table 5: Register layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com