Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-NQL Datasheet HTML 1Page - IC-Haus GmbH IC-NQL Datasheet HTML 2Page - IC-Haus GmbH IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 4/24
PACKAGES TSSOP20 (according to JEDEC Standard)
PIN CONFIGURATION
TSSOP20 4.4 mm, lead pitch 0.65 mm
PIN FUNCTIONS
No. Name
Function
1 PCOS
Input Cosine +
2 NCOS
Input Cosine -
3 VDDA
+5 V Supply Voltage (analog)
4 GNDA
Ground (analog)
5 VREF
Reference Voltage Output
6 A
Incremental Output A
Analog signal COS+ (TMA mode)
PWM signal for Offset Sine (Calib.)
7 B
Incremental Output B
Analog signal COS- (TMA mode)
PWM signal for Offset Cosine (Calib.)
8 Z
Output Index Z
PWM signal for Phase/Ratio (Calib.)
9 GND
Ground
10 VDD
+5 V Supply Voltage (digital)
11 TEST
Test Input
12 CLK
SSI interface, clock line
13 DATA
SSI interface, data output
14 SDA
EEPROM interface, data line
Analog signal SIN+ (TMA mode)
15 SCL
EEPROM interface, clock line
Analog signal SIN- (TMA mode)
16 NERR
Error Input/Output, active low
17 PZERO Input Zero Signal +
18 NZERO Input Zero Signal -
19 PSIN
Input Sine +
20 NSIN
Input Sine -
External connections linking VDDA to VDD and GND to GNDA are required. The test input may remain unwired
or can be linked to VDD (please note the hints given by chapter Design Review regarding the signal of pin DATA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com