Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-NQL Datasheet HTML 1Page - IC-Haus GmbH IC-NQL Datasheet HTML 2Page - IC-Haus GmbH IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 1/24
FEATURES
o Resolution of up to 8192 angle steps per sine/cosine period
o Binary and decimal resolution settings, e.g. 500, 512, 1000,
1024; programmable angle hysteresis
o Conversion time of just 250 ns including amplifier settling
o Count-safe vector follower principle, realtime system with
70 MHz sampling rate
o Direct sensor connection; selectable input gain
o Front-end signal conditioning features offset (8 bit), amplitude
ratio (5 bit) and phase (6 bit) calibration
o 250 kHz input frequency
o Absolute angle output via fast SSI interface
o A QUAD B incremental outputs with selectable minimum
transition distance (e.g. 0.25 µs for 1 MHz at A)
o Index signal processing adjustable in position and width
o Fault monitoring: frequency, amplitude, configuration (CRC)
o Setup via serial EEPROM
o ESD protection and TTL-/CMOS-compatible outputs
APPLICATIONS
o Interpolator IC for position data
acquisition from analog
sine/cosine sensors
o Optical linear/rotary encoders
o MR sensor systems
PACKAGES
TSSOP20
BLOCK DIAGRAM
Copyright © 2004, 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-NQL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQLTSSOP20 ICHAUS-IC-NQLTSSOP20 Datasheet
907Kb / 24P
13-bit Sin/D CONVERTER WITH SSI INTERFACE
More results

Similar Description - IC-NQL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MN ICHAUS-IC-MN Datasheet
1Mb / 59P
25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
8-BIT Sin/D CONVERTER-PROCESSOR
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
6-BIT Sin/D FLASH CONVERTER
IC-NVH ICHAUS-IC-NVH Datasheet
416Kb / 13P
6-BIT Sin/D FLASH CONVERTER
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
13-bit Sin/D CONVERTER WITH CALIBRATION
IC-MN ICHAUS-IC-MN_16 Datasheet
1Mb / 62P
25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com