Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 19 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 19 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 15Page - IC-Haus GmbH IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH IC-NQL Datasheet HTML 18Page - IC-Haus GmbH IC-NQL Datasheet HTML 19Page - IC-Haus GmbH IC-NQL Datasheet HTML 20Page - IC-Haus GmbH IC-NQL Datasheet HTML 21Page - IC-Haus GmbH IC-NQL Datasheet HTML 22Page - IC-Haus GmbH IC-NQL Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 19/24
SSI INTERFACE
After each communication cycle the SSI interface re-
turns to its idle state when the monoflop timeout ttos
has elapsed. This temporal condition also determines
up to which clock line pause duration the iC-NQL re-
tains the current data output cycle - the master may
thus not undershoot a minimum clock frequency of
f(CLK)min.
CFGTOS
Adr 0x06, Bit 5:4
Code
Timeout ttos
Ref. clock
counts
f(CLK) min*
Design iC-NQL_X3:
0x00
typ. 128 µs
256-259
11 kHz
0x01
typ. 16 µs
32-35
88 kHz
0x02
typ. 4 µs
8-11
352 kHz
0x03
typ. 1 µs
2-5
1.41 MHz
Design iC-NQL_3:
0x00
typ. 20 µs
46-46
50 kHz
0x01
typ. 20 µs
46-47
50 kHz
0x02
typ. 1.5 µs
3-4
660 kHz
0x03
typ. 1.5 µs
3-4
660 MHz
Notes
A ref. clock count is equal to 32
fosc (see El. Char.,
A01).
The permissible max. clock frequency is specified
by E05.
*) A low clock frequency can reduce the permissible
maximum input frequency since conversion is
paused after the first falling edge on CLK for a half
clock cycle.
Table 31: Monoflop Time (SSI Timeout)
The iC-NQL position data output contains the angle
value (S) with a bit length of 2 to 13 bits (depending
on SELRES), and up to 3 add-on bits (error messages
E1 and E0 plus a zero bit). Generally, the data output
is in binary format starting with the MSB.
Signal Names
Name
Description
S
Sensor data (S0 is LSB)
E
Error messages
Stop
Low signal
Table 32: Signal Names
The angle conversion is halted for a half clock cycle as
soon as the interface receives the first falling edge on
CLK, what is the trigger signal to output updated posi-
tion data. The halt duration must be taken into consid-
eration when calculating the maximum input frequency.
CFGSSI
Adr 0x03, Bit 7:6
Code
Additional bits
Ring register operation
0x00
E1, E0, zero bit
no
0x01
none
no
0x02
not permissible
0x03
none
yes
Table 33: SSI Output Options
Figure 15: SSI output format during ring register
operation.
The example displays the
transmission of a 13-bit angle value; er-
ror messages are switched off herein
(SELRES = 0x03, CFGSSI = 0x03)
SSI Output Formats
Res
Mode Error
CRC
T1
T2
T3
T4... T10
T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 T23 T24 T25
10 bit
SSI
X
-
S9
S8
S7
S6 ... S0
E1
E0
0
Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop
Example
0
0
0
0
0
0
0
0
0
0
0
0
0
13 bit
SSI
*1
-
-
S12 S11 S10 S9 ... S3
S2
S1
S0
Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop Stop
Example
0
0
0
0
0
0
0
0
0
0
0
0
SSI-R
*2
-
-
S12 S11 S10 S9 ... S3
S2
S1
S0
Stop
S12 S11 S10 S9
S8
S7
S6
S5
S4
S3
S2
Example
0
Configuration CFGSSI = 0x00; *1) CFGSSI = 0x01; *2) CFGSSI = 0x03
Legend SSI = SSI protocol, SSI-R = SSI ring register operation
Table 34: SSI Output Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com