Electronic Components Datasheet Search
  English  ▼

X  

IC-NQL Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-NQL
Description  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-NQL Datasheet HTML 16Page - IC-Haus GmbH IC-NQL Datasheet HTML 17Page - IC-Haus GmbH IC-NQL Datasheet HTML 18Page - IC-Haus GmbH IC-NQL Datasheet HTML 19Page - IC-Haus GmbH IC-NQL Datasheet HTML 20Page - IC-Haus GmbH IC-NQL Datasheet HTML 21Page - IC-Haus GmbH IC-NQL Datasheet HTML 22Page - IC-Haus GmbH IC-NQL Datasheet HTML 23Page - IC-Haus GmbH IC-NQL Datasheet HTML 24Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev D2, Page 20/24
EEPROM INTERFACE and STARTUP BEHAVIOUR
Serial EEPROM components permitting operation
from 3.3 V to 5 V can be connected (such as 24C02, for
example). When the device is switched on the memory
area of bytes 0 to 15 is mapped onto iC-NQL’s regis-
ters.
After the supply has been turned on (power on reset),
iC-NQL reads the configuration data from the EEP-
ROM and during this phase halts error pin NERR ac-
tively on a low signal (open drain output).
After a successful CRC the data output to SLO is re-
leased and the error indication at pin NERR reset;
an external pull-up resistor can supply a high signal.
iC-NQL then switches to normal operation and deter-
mines the current angle position, providing that a sen-
sor is connected up to it and there is no amplitude error
(or this is deactivated).
Should the CRC prove unsuccessful due to a data er-
ror (disrupted transmission, no EEPROM or the EEP-
ROM is not programmed), the configuration phase is
automatically repeated. After a third failed attempt, the
procedure is aborted and error pin NERR remains ac-
tive, displaying a permanent low.
After startup, iC-NQL does not recognize a defined
configuration; the configuration RAM can contain any
values.
Example of CRC Calculation Routine
unsigned char ucDataStream = 0 ;
i n t iCRCPoly = 0x127 ;
unsigned char ucCRC= 0 ;
i n t
i = 0 ;
ucCRC = 0 ;
/ /
s t a r t v a l u e
! ! !
f o r ( iReg = 0 ; iReg <15; iReg ++)
{
ucDataStream = ucGetValue ( iReg ) ;
f o r ( i = 0 ; i <=7; i ++) {
i f
( ( ucCRC & 0x80 ) ! = ( ucDataStream & 0x80 ) )
ucCRC = ( ucCRC << 1 ) ^ iCRCPoly ;
else
ucCRC = ( ucCRC << 1 ) ;
ucDataStream = ucDataStream << 1 ;
}
}
CRC_E2P
Adr 0x0F, Bit 7:0
Code
Description
0x00
...
Check value formed by CRC polynomial 0x127
0xFF
Table 35: Check value for EEPROM data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com