Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA7210 Datasheet HTML 1Page - NXP Semiconductors BGA7210 Datasheet HTML 2Page - NXP Semiconductors BGA7210 Datasheet HTML 3Page - NXP Semiconductors BGA7210 Datasheet HTML 4Page - NXP Semiconductors BGA7210 Datasheet HTML 5Page - NXP Semiconductors BGA7210 Datasheet HTML 6Page - NXP Semiconductors BGA7210 Datasheet HTML 7Page - NXP Semiconductors BGA7210 Datasheet HTML 8Page - NXP Semiconductors BGA7210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
4 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
3.
Ordering information
4.
Marking
5.
Limiting values
VCC1
17
Supply voltage to amplifier 1
VDDD
19
Digital supply voltage to digital controller
SER_OUT 20
SPI data output
SS
21
SPI slave select (0 = select; 1 = deselect)
SER_IN
22
SPI data input
CLK
23
SPI clock input
PUPMXG/
PWRDN
24
Power-up gain attenuation / power down
RF_IN
29
RF input
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Ordering information
Type number Package
Name
Description
Version
BGA7210
HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals; body 5
 5  0.85 mm
SOT617-3
Table 4.
Marking
Type number
Marking code
Description
BGA7210
7210
*****
manufacturing code
TSD***1Y
** = The actual assembly date code.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VSUP
supply voltage
[1]
0.6 +8
V
VI
input voltage
[2]
0.6 +8
V
VO
output voltage
[3]
0.6 +8
V
II
input current
[4]
20 +20
mA
IO
output current
[5]
20 +20
mA
PRFIN
power on pin RF_IN
-
30
dBm
Tstg
storage temperature
65 +150 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com