Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 22Page - NXP Semiconductors BGA7210 Datasheet HTML 23Page - NXP Semiconductors BGA7210 Datasheet HTML 24Page - NXP Semiconductors BGA7210 Datasheet HTML 25Page - NXP Semiconductors BGA7210 Datasheet HTML 26Page - NXP Semiconductors BGA7210 Datasheet HTML 27Page - NXP Semiconductors BGA7210 Datasheet HTML 28Page - NXP Semiconductors BGA7210 Datasheet HTML 29Page - NXP Semiconductors BGA7210 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
27 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
13. Packing information
The BGA7210 will be delivered in reel pack SMD 7”, 1500 pieces per reel.
14. Abbreviations
15. Revision history
Fig 38. Carrier tape
aaa-000870
Table 15.
Abbreviations
Acronym
Description
CDM
Charged Device Model
ESD
ElectroStatic Discharge
DSA
Digital Step Attenuator
HBM
Human Body Model
IF
Intermediate Frequency
MMIC
Monolithic Microwave Integrated Circuit
POR
Power-On Reset
RF
Radio Frequency
SPI
Serial Peripheral Interface
USB
Universal Serial Bus
WiMAX
Worldwide Interoperability for Microwave Access
Table 16.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BGA7210 v.2
20120104
Product data sheet
-
BGA7210 v.1
Modifications
• Preliminary data sheet changed to Product data sheet
BGA7210 v.1
20111213
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com