Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 22Page - NXP Semiconductors BGA7210 Datasheet HTML 23Page - NXP Semiconductors BGA7210 Datasheet HTML 24Page - NXP Semiconductors BGA7210 Datasheet HTML 25Page - NXP Semiconductors BGA7210 Datasheet HTML 26Page - NXP Semiconductors BGA7210 Datasheet HTML 27Page - NXP Semiconductors BGA7210 Datasheet HTML 28Page - NXP Semiconductors BGA7210 Datasheet HTML 29Page - NXP Semiconductors BGA7210 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 4 January 2012
Document identifier: BGA7210
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
18. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 2
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
2.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 4
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 5
7
Static characteristics . . . . . . . . . . . . . . . . . . . . . 5
8
Dynamic characteristics . . . . . . . . . . . . . . . . . . 6
9
Serial Peripheral Interface . . . . . . . . . . . . . . . . 8
9.1
Command word format . . . . . . . . . . . . . . . . . . . 8
9.2
Setting current and attenuation . . . . . . . . . . . . 8
9.3
SPI timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
10
Power-up and power save. . . . . . . . . . . . . . . . 10
11
Application information. . . . . . . . . . . . . . . . . . 11
11.1
Application board . . . . . . . . . . . . . . . . . . . . . . 11
11.2
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 13
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 26
13
Packing information . . . . . . . . . . . . . . . . . . . . 27
14
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 27
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 27
16
Legal information. . . . . . . . . . . . . . . . . . . . . . . 28
16.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 28
16.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
16.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
16.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 29
17
Contact information. . . . . . . . . . . . . . . . . . . . . 29
18
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com