Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 16Page - NXP Semiconductors BGA7210 Datasheet HTML 17Page - NXP Semiconductors BGA7210 Datasheet HTML 18Page - NXP Semiconductors BGA7210 Datasheet HTML 19Page - NXP Semiconductors BGA7210 Datasheet HTML 20Page - NXP Semiconductors BGA7210 Datasheet HTML 21Page - NXP Semiconductors BGA7210 Datasheet HTML 22Page - NXP Semiconductors BGA7210 Datasheet HTML 23Page - NXP Semiconductors BGA7210 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
20 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
VSUP = 5 V; Tamb = 85 C; maximum current setting.
(1) f = 0.7 GHz
(2) f = 1.4 GHz
(3) f = 1.7 GHz
(4) f = 2.2 GHz
(5) f = 2.8 GHz
(6) f = 2.8 GHz and Csh used
(7) f = 3.8 GHz
VSUP = 5 V; Tamb = 25 C; minimal current setting.
(1) f = 0.7 GHz
(2) f = 1.4 GHz
(3) f = 1.7 GHz
(4) f = 2.2 GHz
(5) f = 2.8 GHz
(6) f = 2.8 GHz and Csh used
(7) f = 3.8 GHz
Fig 23. Output third-order intercept point as a function
of attenuation state; typical values
Fig 24. Output third-order intercept point as a function
of attenuation state; typical values
attenuation (decimal)
064
48
16
32
aaa-000682
25
35
45
IP3o
(dBm)
15
(1)
(2)
(3)
(4)
(5)
(6)
(7)
attenuation (decimal)
064
48
16
32
aaa-000683
25
35
45
IP3o
(dBm)
15
(1)
(2)
(3)
(4)
(5)
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com