Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 8Page - NXP Semiconductors BGA7210 Datasheet HTML 9Page - NXP Semiconductors BGA7210 Datasheet HTML 10Page - NXP Semiconductors BGA7210 Datasheet HTML 11Page - NXP Semiconductors BGA7210 Datasheet HTML 12Page - NXP Semiconductors BGA7210 Datasheet HTML 13Page - NXP Semiconductors BGA7210 Datasheet HTML 14Page - NXP Semiconductors BGA7210 Datasheet HTML 15Page - NXP Semiconductors BGA7210 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
12 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
The recommended FR4 PCB layer stack is described in Figure 8. A 50
 coplanar
grounded wave guide can be implemented by a 0.48 mm RF track and a clearance
between the track and the ground planes of 1 mm on both sides.
C26
decoupling capacitor
4.7
F
Csh
optional matching capacitor to improve
linearity at 2.2 GHz to 2.8 GHz
0.68 pF
Murata GRM; shall be located 5.5 mm from pin
RF-OUT when using FR4 PCB described below.
L1
optional inductor
820 nH
part of optional ripple filter
L2
inductor
22 nH
Murata LQW 18
Table 14.
List of components …continued
See Figure 7 for schematics.
Component
Description
Value
Remarks
r = 4.5; interconnect 35 m copper.
Fig 8.
Printed-Circuit Board (PCB) layer stack
aaa-000666
0.30 mm core
0.28 mm FR4
0.28 mm FR4
through via
RF and analog ground
analog routing
RF and analog ground
RF and analog routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com