Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA7210 Datasheet HTML 1Page - NXP Semiconductors BGA7210 Datasheet HTML 2Page - NXP Semiconductors BGA7210 Datasheet HTML 3Page - NXP Semiconductors BGA7210 Datasheet HTML 4Page - NXP Semiconductors BGA7210 Datasheet HTML 5Page - NXP Semiconductors BGA7210 Datasheet HTML 6Page - NXP Semiconductors BGA7210 Datasheet HTML 7Page - NXP Semiconductors BGA7210 Datasheet HTML 8Page - NXP Semiconductors BGA7210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
2 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
1.4 Quick reference data
Table 1.
Quick reference data
4.75 V
V
SUP 5.25 V; 40 C Tamb +85 C; maximum current; input and output is terminated with 50 ;
unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
VSUP
supply voltage
[1]
4.75 5.0
5.25 V
ICC(tot)
total supply current
maximum current
160
195
230
mA
optimized current
[2]
-185
-mA
minimum current
-
120
-
mA
power-down current
-
15
-
mA
Tamb
ambient temperature
40 +25 +85 C
Gp
power gain
minimum attenuation
700 MHz
 f  1400 MHz
26
30
33
dB
1400 MHz
 f  1700 MHz
26
29.5 33
dB
1700 MHz
 f  2200 MHz
26
29
33
dB
2200 MHz
 f  2800 MHz
25
28
31
dB
3400 MHz
 f  3800 MHz
22
26
30
dB
range
attenuation range
700 MHz
 f  2200 MHz
28
31.5 35
dB
2200 MHz
 f  2800 MHz
27
30.5 34
dB
3400 MHz
 f  3800 MHz
26
29.5 33
dB
NF
noise figure
minimum attenuation
700 MHz
 f  2200 MHz
-
6.5
8.5
dB
2200 MHz
 f  2800 MHz
-
7
9
dB
3400 MHz
 f  3800 MHz
-
8
10
dB
maximum attenuation
700 MHz
 f  2200 MHz
-
27.5 30.5 dB
2200 MHz
 f  2800 MHz
-
28
31
dB
3400 MHz
 f  3800 MHz
-
28.5 32
dB
IP3O
output third-order intercept point
minimum attenuation
[3]
700 MHz
 f  1400 MHz
34
39
-
dBm
1400 MHz
 f  1700 MHz
32
37
-
dBm
1700 MHz
 f  2200 MHz
30
35
-
dBm
2200 MHz
 f  2800 MHz
28
34
-
dBm
2200 MHz
 f  2800 MHz; C
sh =0.68pF
[4]
30
35
-
dBm
3400 MHz
 f  3800 MHz
24
30
-
dBm
maximum attenuation
[3]
700 MHz
 f  1400 MHz
-
35
-
dBm
1400 MHz
 f  1700 MHz
-
33
-
dBm
1700 MHz
 f  2200 MHz
-
31
-
dBm
2200 MHz
 f  2800 MHz
-
30
-
dBm
2200 MHz
 f  2800 MHz; C
sh =0.68pF
[4]
-30
-dBm
3400 MHz
 f  3800 MHz
-
25
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com