Electronic Components Datasheet Search
  English  ▼

X  

BGA7210 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 12Page - NXP Semiconductors BGA7210 Datasheet HTML 13Page - NXP Semiconductors BGA7210 Datasheet HTML 14Page - NXP Semiconductors BGA7210 Datasheet HTML 15Page - NXP Semiconductors BGA7210 Datasheet HTML 16Page - NXP Semiconductors BGA7210 Datasheet HTML 17Page - NXP Semiconductors BGA7210 Datasheet HTML 18Page - NXP Semiconductors BGA7210 Datasheet HTML 19Page - NXP Semiconductors BGA7210 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
16 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
VSUP = 5 V; maximum current setting;
minimum attenuation.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
VSUP = 5 V; maximum current setting;
minimum attenuation.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
Fig 15. Input return loss as a function of frequency;
typical values
Fig 16. Output return loss as a function of frequency;
typical values
f (GHz)
05
4
23
1
aaa-000673
-25
-15
-5
S11
(dB)
-35
(1)
(2)
(3)
f (GHz)
05
4
23
1
aaa-000674
-25
-15
-5
S22
(dB)
-35
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com