Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 2 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 2 Page - ITT Industries

  DL1 Datasheet HTML 1Page - ITT Industries DL1 Datasheet HTML 2Page - ITT Industries DL1 Datasheet HTML 3Page - ITT Industries DL1 Datasheet HTML 4Page - ITT Industries DL1 Datasheet HTML 5Page - ITT Industries DL1 Datasheet HTML 6Page - ITT Industries DL1 Datasheet HTML 7Page - ITT Industries DL1 Datasheet HTML 8Page - ITT Industries DL1 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
1
ZIF Connectors
Contents
On the Cover
DL1, DLM6, DLM3, DL5, DLD2
(with and without contacts)
The Cannon Zero Insertion Force
(ZIF) series of connectors provide
versatile low-cost, high
performance, multiple-wire power
and signal connectors. This series
can be mated/unmated in less
than two seconds even with as
many as 2,496 contacts. The long
life and rapid mating are achieved
through the ZIF design, where
contacts in the plug and receptacle
design do not touch each other
while the connector halves are
being engaged.
Cannon is a trademark of ITT Industries, Inc. in the United States.
Description
Page
DL/DLM/DLD Drawer Connectors
Selection Guide
Product ................................................... 2-3
Series ...................................................... 3
Introduction
DL Materials and Finishes ....................................... 4
DLM Materials and Finishes ...................................... 5
DLD Drawer Materials and Finishes ................................ 6
DL4 Materials and Finishes ...................................... 7
Product Features .............................................. 8
Applications .................................................. 9
Performance Specifications ...................................... 9
Mechanical Data .............................................. 9
Temperature/Current Rating ..................................... 10
Test Data ................................................... 10
How to Identify the Ideal DL Product for Your Application ............... 11
How to Order ............................................. 12-13
DL Connectors – Plastic Body – Shell Dimensions
DL1 (156 Contacts) ......................................... 14-15
DL2 (96 Contacts) ......................................... 21-22
DL3 (60 Contacts) ......................................... 28-29
DL5 (260 Contacts) ........................................ 35-36
DLM Connectors – Metal Body – Shell Dimensions
DLM1 (156 Contacts) ....................................... 16-18
DLM2 (96 Contacts) ........................................ 23-25
DLM3 (60 Contacts) ........................................ 30-32
DLM5 (260 Contacts) ....................................... 37-39
DLM6 (360 Contacts) ....................................... 40-42
DLD Drawer Connectors – Plastic Body – Shell Dimensions
DLD1 (156 Contacts) ........................................ 19-20
DLD2 (96 Contacts) ........................................ 26-27
DL Connectors – Metal Frame – Shell Dimensions
DL4 (624, 1248, 2496 Contacts) .............................. 33-34
Selection Guide – Accessories .......................................... 43
Accessories ...................................................... 43-49
Contacts ........................................................ 50-53
Tools and Assembly ............................................... 54-59
Reader’s Resource
PCB Hole Patterns ......................................... 60-63
PCB Pad Layouts ............................................. 64
Panel Cutouts ............................................. 65-67
Contact Cavity Arrangements ................................. 68-69
DLD Drawer Assembly Dimensions and Mating Sequence .............. 70
Glossary of Terms ............................................ 71
Part Number Index ............................................ 72
Product Safety ............................................... 73
Warranty ................................................... 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com