Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 26 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 26 Page - ITT Industries

Back Button DL1 Datasheet HTML 22Page - ITT Industries DL1 Datasheet HTML 23Page - ITT Industries DL1 Datasheet HTML 24Page - ITT Industries DL1 Datasheet HTML 25Page - ITT Industries DL1 Datasheet HTML 26Page - ITT Industries DL1 Datasheet HTML 27Page - ITT Industries DL1 Datasheet HTML 28Page - ITT Industries DL1 Datasheet HTML 29Page - ITT Industries DL1 Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
25
ZIF Connectors
DLM2
DLM2 — Metal Body — 96 Pin Connectors — PC/RC Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0215
DLM2-96PC
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 61.
Part Number
Nomenclature
127050-0219
DLM2-96RC
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
2X Ø 2,30
(.091)
19,38 (.763)
57,91 (2.280)
4X Ø 3,20
(.126)
7,92 (.312)
6,35
(.250)
74,75
(2.945)
34,20
(1.347)
Ø 0,50 (.020)
4,60 (.181)
27,75
(1.093)
CAMSHAFT
TURNING DIRECTION
24,05
(.947)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
2X Ø 2,30
(.091)
19,38 (.763)
57,91 (2.280)
4X Ø 3,20
(.126)
7,75 (.305)
25,20
(.992)
6,35 (.250)
Ø 0,50 (.020)
4,60 (.181)
24,05
(.947)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com