Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 46 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 46 Page - ITT Industries

Back Button DL1 Datasheet HTML 42Page - ITT Industries DL1 Datasheet HTML 43Page - ITT Industries DL1 Datasheet HTML 44Page - ITT Industries DL1 Datasheet HTML 45Page - ITT Industries DL1 Datasheet HTML 46Page - ITT Industries DL1 Datasheet HTML 47Page - ITT Industries DL1 Datasheet HTML 48Page - ITT Industries DL1 Datasheet HTML 49Page - ITT Industries DL1 Datasheet HTML 50Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
45
ZIF Connectors
Accessories
Metal Backshell
DL5, DLM5
DL5, DLM5 is a one piece shell design.
Kit consists of 1 shell, 8 screws, 1 wire hood,
1 wire clamp, 4 nuts.
Materials and Finishes
Shell:
Nickel over die cast aluminum
Hardware:
Stainless Steel
Used On
Part Number
Mounting
Max Cable
Entry
DL5, DLM5
249-4501-000
Straight or 90
°
22,23 (.875)
Wire hood may be installed in two positions. 90
° cable entry as shown or straight entry by rotating wire hood.
DLM6
DLM6 is a one piece shell design.
Kit consists of 1 shell, 8 screws, 1 wire hood,
1 wire clamp, 4 nuts.
Materials and Finishes
Shell:
Nickel over die cast aluminum
Hardware:
Stainless Steel
Used On
Part Number
Mounting
Max Cable
Entry
DLM6
249-4515-000
Straight or 90
°
28,00 (1.102)
Wire hood may be installed in two positions. 90
° cable entry as shown or straight entry by rotating wire hood.
7,6
(.30)
115,8 (4.56)
49,0
(1.93)
42,0
(1.65)
30,0
(1.18)
L
C
1
42,6
(1.68)
L
C
(2.48)
63,0
125,0 (4.92)
(1.65)
42,0
(1.18)
30,0
L
C
1
(1.68)
42,6
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com