Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 58 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 58 Page - ITT Industries

Back Button DL1 Datasheet HTML 54Page - ITT Industries DL1 Datasheet HTML 55Page - ITT Industries DL1 Datasheet HTML 56Page - ITT Industries DL1 Datasheet HTML 57Page - ITT Industries DL1 Datasheet HTML 58Page - ITT Industries DL1 Datasheet HTML 59Page - ITT Industries DL1 Datasheet HTML 60Page - ITT Industries DL1 Datasheet HTML 61Page - ITT Industries DL1 Datasheet HTML 62Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
57
ZIF Connectors
Tools and Assembly
Assembly Instructions for Buss Contacts
Contact Insertion:
All buss contacts are inserted by hand. No tooling
is required for either the plug or receptacle.
Caution:
Caution: Do not force contacts into contact
cavities.
If
contact
encounters
excessive
resistance during installation remove and re-insert
using a slight up and down motion. This will assure
positive cavity alignment.
Do not install contact if
plug is in the
closed or actuated position.
Plug:
Step 1. Prior to inserting contacts, turn the shaft
counter-clockwise to its maximum
open position.
Step 2. With the retention lance positioned
away
from the shaft, insert contacts from the rear of the
plug.
Receptacle:
Step 1. With the retention lance positioned
toward
the shaft hole, insert contacts from the rear of the
receptacle.
Contact Removal for Buss Contacts
Tool: CET-DL3/4/5/6
Release retention lance by inserting tip of
extraction tool into cavity until it bottoms on
insulator shoulder. Gently remove buss contact in
direction of arrow, see illustration, to remove
contact from insulator.
CAM
RETENTION
LANCE
(BOTTOM)
RETENTION
LANCE
(TOP)
RECEPTACLE
CONNECTOR
PLUG
CONNECTOR
SCREW
POLARIZING
POST
RETENTION
LANCE
(BOTTOM)
RETENTION
LANCE
(TOP)
CONTACT
RETENTION
LANCE
CONTACT
RETENTION
LANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com