Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 54 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 54 Page - ITT Industries

Back Button DL1 Datasheet HTML 50Page - ITT Industries DL1 Datasheet HTML 51Page - ITT Industries DL1 Datasheet HTML 52Page - ITT Industries DL1 Datasheet HTML 53Page - ITT Industries DL1 Datasheet HTML 54Page - ITT Industries DL1 Datasheet HTML 55Page - ITT Industries DL1 Datasheet HTML 56Page - ITT Industries DL1 Datasheet HTML 57Page - ITT Industries DL1 Datasheet HTML 58Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
53
ZIF Connectors
Contacts
Crimp Contacts — Reeled
Reeled
50
µ inch gold contacts:
Recommended for all applications.
Offer the broadest amperage range.
Mandatory for low current applications (less
than 100 milliamps).
Material:
Copper Alloy
Finish:
Gold over nickel
Extraction Tool: 274-7029-007
Insertion Tool: None Required
Note: Automatic tooling is recommended for
volume over 50K per year, see page 59.
Plug (Bump)
Receptacle (Flat)
Wire
Accommodation
Plug
50
µInch Gold
Bump
Receptacle
50
µInch Gold
Flat
Plug and
Receptacle
20
µInch Gold
Hand
Tool
(Page 55)
40 thru 42 AWG
—
—
127000-2278*
36 thru 38 AWG
—
—
127000-1271*
28 thru 32 AWG
110238-0482
110238-0486
110238-0403
1
24 thru 26 AWG
110238-0480
110238-0484
110238-0401
2
20 thru 22 AWG
110238-0479
110238-0483
110238-0400
2
18 thru 20 AWG
110238-0481
110238-0485
110238-0402
3
Note: For more information on tools and assembly, see pages 54-59.
Non Insulation Support
For low current applications (less than 100 milliamps) use 50
µ inch gold (bump) contact on plug side and 50µ inch gold (flat) contact on receptacle side.
Contact Factory for tool.
*
Finish: 20
µ inch gold in mating area/Gold flash on balance (terminating end).
Finish: 20
µ inch gold in mating area/Tin lead on balance (terminating end).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com