Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 11 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 11 Page - ITT Industries

Back Button DL1 Datasheet HTML 7Page - ITT Industries DL1 Datasheet HTML 8Page - ITT Industries DL1 Datasheet HTML 9Page - ITT Industries DL1 Datasheet HTML 10Page - ITT Industries DL1 Datasheet HTML 11Page - ITT Industries DL1 Datasheet HTML 12Page - ITT Industries DL1 Datasheet HTML 13Page - ITT Industries DL1 Datasheet HTML 14Page - ITT Industries DL1 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
10
DL4
DL3/DLM3
DL2/DLM2/DLD2
DL1/DLM1/DLD1
ZIF Connectors
DL/DLM/DLD
DL/DLM/DLD Temperature/Current Rating
The ambient temperature curves shown represent
the rated current carrying capacity of the Cannon
DL1/2/3/4, DLM1/2/3 and DLD1/2 electrical
connectors, derated to 80% of the values recorded
using the methods specified by International
Electro-Technical Commission Document 48
(1975).
Current was applied to the total connector (all
contacts) in one-half ampere increments and
maintained at each current level until thermal
stability was achieved. A thermocouple inserted
into the ‘‘hottest area’’ of each connector then
measured the connector temperature at the same
time that an ambient temperature reading was
taken. The difference between the two measured
values is the heat rise or self-heating created solely
by the current flow, and this temperature rise for
the current level was deducted from the insulator
material rated temperature. These values were
then derated to 80% to obtain the curves shown.
DL/DLM/DLD Test Data
Test Description
MIL Standard
Test Method
Dielectric Withstanding Voltage
MIL-STD-202
301
Contact Resistance
MIL-STD-202
307
Insulation Resistance
MIL-STD-202
302, Condition B
Humidity (Standard)
MIL-STD-202
103, Condition B
Humidity (DL4)
MIL-STD-202
106
Salt Spray
MIL-STD-202
101, Condition B (48 Hours)
Shock
MIL-STD-202
213, Condition A (50 G’s)
Vibration (Standard)
MIL-STD-202
204, Condition C
Vibration (DL4)
MIL-STD 167-1/2 Modified
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com