Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 51 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 51 Page - ITT Industries

Back Button DL1 Datasheet HTML 47Page - ITT Industries DL1 Datasheet HTML 48Page - ITT Industries DL1 Datasheet HTML 49Page - ITT Industries DL1 Datasheet HTML 50Page - ITT Industries DL1 Datasheet HTML 51Page - ITT Industries DL1 Datasheet HTML 52Page - ITT Industries DL1 Datasheet HTML 53Page - ITT Industries DL1 Datasheet HTML 54Page - ITT Industries DL1 Datasheet HTML 55Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
50
ZIF Connectors
Contacts
Contacts
TheCannonDLCrimpandBusscontacts
are available in addition to the factory
installed Square Post/PCB mount version
contacts. Crimp contacts are available loose or
reeled, where as Buss contacts are available loose
only.
The Buss contacts make the DL series capable of
providing higher than 5 amps per line. The Buss
contacts are pairs of contact lines which increase
the amperage capability in increments of 10 amps
up to 60 amps. The contacts have solder holes at
the tail section for soldering #30-#18 AWG. The
tail is also designed to accommodate a 1/8 crimp
lug for wire sizes larger than #18.
The Crimp contacts are available in two plating
types. The 20
µ inch gold hermaphroditic version
which is the economical choice for applications
requiring over 100 milliamps to 5 amps. And the
50
µ inch gold BUMP to FLAT version which offers
the most versatile range of application
requirements from micro-amps to 5 amps.
The BUMP to FLAT version was developed
specifically to handle ‘‘dry circuit’’ requirements
where the signal amperage is not enough to
ensure a clean contact point. The 50
µ inch gold
BUMP to FLAT version is mandatory for
applications with signals below 100 milliamps.
The Bump contact is installed in the Plug and the
Flat contact is installed in the Receptacle. This
combination increases the contact force and
ensures that the wiping point becomes the current
carrying point after mating. The 50
µ inch gold
BUMP to FLAT version has become the standard
Materials and Finishes
Description
Material
Finish
Crimp Contact*
Copper Alloy
Gold over nickel or Selective gold/tin lead over nickel
Buss Contact
Copper Alloy
Gold over nickel
* Order crimp contacts separately. See pages 52-53.
for all modern applications where power and low
voltage signals are combined into one connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com