Electronic Components Datasheet Search
  English  ▼

X  

DL1 Datasheet(PDF) 7 Page - ITT Industries

Part # DL1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL1 Datasheet(HTML) 7 Page - ITT Industries

Back Button DL1 Datasheet HTML 3Page - ITT Industries DL1 Datasheet HTML 4Page - ITT Industries DL1 Datasheet HTML 5Page - ITT Industries DL1 Datasheet HTML 6Page - ITT Industries DL1 Datasheet HTML 7Page - ITT Industries DL1 Datasheet HTML 8Page - ITT Industries DL1 Datasheet HTML 9Page - ITT Industries DL1 Datasheet HTML 10Page - ITT Industries DL1 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
6
ZIF Connectors
DLD
DLD Drawer Product Introduction
Cannon has combined Zero Insertion
Force (ZIF) technology with remote
electrical engagement. The DLD Drawer
allows the movement of a drawer or panel to
effortlessly mate/unmate the connector halves. As
an example: electrical sub-systems can be easily
removed for service, interchangability, or
portability.
By specifying DLD Drawer interconnect systems,
your packaging design is simplified as the need for
expensive, complicated, and space-consuming
manual actuation mechanisms is eliminated. Tight
space requirements no longer restrict your use of
ZIF connectors.
The contacts in the DLD Drawer product line do not
touch each other while the connector halves are
mating. This unique ZIF technology, introduced in
the Cannon DL series in the early 1970’s, has
time-tested proven reliability and durability.
The DLD Drawer’s remote mating feature utilizes
the axial thrust of a cam to move and mate the
contacts. At the end of the cam travel, the cam
ramps on a flat surface thereby negating any
uncoupling forces.
This rack-and-panel connector is available with
crimp or square post contacts, allowing cable,
PCB, or flat-flex termination.
Materials and Finishes
DLD1/2 Housing
Glass Filled thermoplastic, UL 94V-1 rated, Color: Black
Crimp Contact*
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, tin lead on balance
Square Post Contact
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Insulator Retainer (Plug Only)
Stainless steel, Passivated
Actuating Camshaft (Receptacle Only)
Stainless steel
Spring Mounting Screw (Receptacle Only)
Stainless steel, Passivated
Compression Spring (Receptacle Only)
Music wire, zinc plated
* Order crimp contacts separately, see pages 52-53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com