Electronic Components Datasheet Search
  English  ▼

X  

M513 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M513 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
5
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Reel Size:
13-inch Reel
7-inch Reel
Item
Symbol
Size (inch)
Size (mm)
Size (inch)
Size (mm)
Flange
Diameter
A
13.00 ± 0.079
330.0 ± 2.0
7.01 ± 0.079
178 ± 2.0
Thickness
W2
0.57 Max.
14.4 Max.
0.57 Max.
14.4 Max.
Space Between Flanges
W1
0.33 ± .059,-0.0
8.4 ± 1.5, -0.0
0.33 ±.059,-0.0
8.4 ± 1.5, -0.0
Outer Diameter
N
2.48 Min.
63 Min.
2.17 ± 0.020
55.0 ± 0.50
Spindle Hole Diameter
C
0.512 ± 0.008
13.00 ± 0.20
0.512 ± 0.008
13.00 ± 0.20
Key Slit Width
B
0.079 ± 0.020
2.0 ± 0.5
0.079 ± 0.020
2.0 ± 0.5
Key Slit Diameter
D
0.795 ± 0.5, -0.0
20.2 ± 0.5, -0.0
0.795 ± .020, -0.0
20.2 ± 0.5, -0.0
Hub
ODS-120
Reel Size:
13-inch Reel
7-inch Reel
Item
Symbol
Size (inch)
Size (mm)
Size (inch)
Size (mm)
Flange
Diameter
A
13.000 ± 0.079
330.0 ± 2.0
7.000 ± 0.079
178.0 ± 2.0
Thickness
W2
0.87 Max.
22.2 Max.
0.882 Max.
22.4 Max.
Space Between Flanges
W1
0.66 ± 0.080, -0.0
16.8 ± 2.0, -0.0
0.65 ± 0.080, -0.0
16.4 ± 2.0, -0.0
Outer Diameter
N
4.02 Min.
102.0 Min.
2.36 Min.
60.0 Min.
Spindle Hole Diameter
C
0.512 ± 0.008
13.0 ± 0.2
0.512 ± 0.008
13.0 ± 0.2
Key Slit Width
B
0.079 Min.
2 Min.
0.079 Min.
2 Min.
Key Slit Diameter
D
0.795 Min.
20.2 Min.
0.795 Min.
20.2 Min.
Hub
ODS-186
Reel Size:
10-inch Reel
8-inch Reel
Item
Symbol
Size (inch)
Size (mm)
Size (inch)
Size (mm)
Flange
Diameter
A
10.00 ± 0.062
254.00 ± 1.57
8.00 ± 0.062
203.20 ± 1.57
Thickness
W2
3.25 Max.
82.55 Max.
3.25 Max.
82.55 Max.
Space Between Flanges
W1
2.75 ± 0.062
69.85 ± 1.57
2.75 ± 0.062
69.85 ± 1.57
Outer Diameter
N
3.25 ± 0.062
82.55 ± 1.57
3.25 ± 0.062
82.55 ± 1.57
Spindle Hole Diameter
C
0.625 ± 0.062
15.88 ± 1.57
0.625 ± 0.062
15.88 ± 1.57
Key Slit Width
B
N/A
N/A
N/A
N/A
Key Slit Diameter
D
0.312 ± 0.062
7.92 ± 1.57
0.312 ± 0.062
7.92 ± 1.57
Hub
ODS-401, ODS-402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com