Electronic Components Datasheet Search
  English  ▼

X  

M513 Datasheet(PDF) 27 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 27 Page - M/A-COM Technology Solutions, Inc.

Back Button M513 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
27
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.421 ± 0.008
10.7 ± 0.2
Width
B0
0.622 ± 0.008
15.8 ± 0.2
Depth
K0
0.118 ± 0.004
3.0 ± 0.10
Pitch
P1
0.472 ± 0.004
12.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.453 ± 0.004
11.5 ± 0.10
Cover Tape
Width
C
0.79 Nom.
20.0 Nom.
Carrier Tape
Width
W
0.945 ± 0.012
24.0 ± 0.30
SOIC-24 (SO-24)
SOT-143
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.122 ± 0.004
3.1 ± 0.10
Width
B0
0.106 ± 0.004
2.69 ± 0.10
Depth
K0
0.051 ± 0.004
1.30 ± 0.10
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.138 ± 0.004
3.5 ± 0.10
Cover Tape
Width
C
0.212 ± 0.004
5.4 ± 0.10
Carrier Tape
Width
W
0.315 ± 0.012
8.0 ± 0.30
SOT-89
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.181 ± 0.004
4.6 ± 0.10
Width
B0
0.188 ± 0.004
4.78 ± 0.10
Depth
K0
0.075 ± 0.004
1.9 ± 0.10
Pitch
P1
0.315 ± 0.004
8.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.217 ± 0.020
5.5 ± 0.5
Cover Tape
Width
C
0.366 ± 0.004
9.3 ± 0.10
Carrier Tape
Width
W
0.472 ± 0.008
12.0 ± 0.20
SOT-23
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.123 ± 0.005
3.125 ± 0.125
Width
B0
0.112 ± 0.006
2.835 ± 0.165
Depth
K0
0.048 ± 0.004
1.23 ± 0.11
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.138 ± 0.004
3.5 ± 0.10
Cover Tape
Width
C
0.212 ± 0.004
5.4 ± 0.10
Carrier Tape
Width
W
0.315 ± 0.012
8.0 ± 0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com