Electronic Components Datasheet Search
  English  ▼

X  

M513 Datasheet(PDF) 19 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 19 Page - M/A-COM Technology Solutions, Inc.

Back Button M513 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
19
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
PQFN-12, 3 mm (MO-220, VEED-1), PQFN-16, 3 mm (MO-220,VEED-4, VEED-6)
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.130 ± 0.004
3.3 ± 0.10
Width
B0
0.130 ± 0.004
3.3 ± 0.10
Depth
K0
0.043 ± 0.004
1.1 ± 0.10
Pitch
P1
0.315 ± 0.004
8.0 ± 0.10
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.217 ± 0.004
5.5 ± 0.10
Cover Tape
Width
C
0.362 ± 0.004
9.2 ± 0.10
Carrier Tape
Width
W
0.472 ± 0.012
12 ± 0.30
Distance Between
Centerlines
PQFN-16, 4 mm (MO-220, VGGC), PQFN-20, 4 mm (MO-220, VGGD-1), PQFN-24, 4 mm
(MO-220, VGGD-8)
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.171 ± 0.004
4.35 ± 0.10
Width
B0
0.171 ± 0.004
4.35 ± 0.10
Depth
K0
0.043 ± 0.004
1.1 ± 0.10
Pitch
P1
0.315 ± 0.004
8.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.217 ± 0.004
5.5 ± 0.10
Cover Tape
Width
C
0.362 ± 0.004
9.2 ± 0.10
Carrier Tape
Width
W
0.472 ± 0.012
12 ± 0.30
PQFN-20, 5 mm (MO-220, VHHC), PQFN-28, 5 mm (MO-220, VHHD-1), PQFN-32, 5 mm
(MO-220, VHHD-4, VHHD-5)
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.207 ± 0.004
5.25 ± 0.10
Width
B0
0.207 ± 0.004
5.25 ± 0.10
Depth
K0
0.043 ± 0.004
1.1 ± 0.10
Pitch
P1
0.315 ± 0.004
8.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.004
2.0 ± 0.10
Cavity to Perforation
(width direction)
F
0.217 ± 0.004
5.5 ± 0.10
Cover Tape
Width
C
0.362 ± 0.004
9.2 ± 0.10
Carrier Tape
Width
W
0.472 ± 0.012
12 ± 0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com