Electronic Components Datasheet Search
  English  ▼

X  

M513 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M513 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
Introduction
M/A-Com Technology Solutions supplies integrated circuits, diodes, and related surface mount components in tape
wound on standard 7-inch, 8-inch, 10-inch, and 13-inch diameter reels. This application note documents the reel and
tape dimensions and the orientation of the components within the tape cavities for over 75 of our most popular
package styles.
Packages Covered in This Application Note:
Package Type
Comments
08-mm BGA
15-mm BGA
BD-1, BD-2, BD-3
Bumped Die
CR-5
LCC1
LSM1
LSM2
LSM3
LSM6
MSOP-8
Also MSOP-8EP
MSOP-10
ODS-4
Axial Lead
ODS-54
Axial Lead
ODS-120
Ceramic
ODS-139
Axial Lead
ODS-146
Axial Lead
ODS-186
Ceramic
ODS-401
Axial Lead
ODS-402
Axial Lead
ODS-1056
Ceramic
ODS-1072
MELF
ODS-1079
MELF
ODS-1091
MELF
ODS-1294
Surmount
ODS-1295
Surmount
ODS-1306
Surmount
PDFN-6, 1.2 x 1.5 mm (0.5 mm pitch)
PDFN-6, 1.5 x 1.2 mm (0.4 mm pitch)
PDFN-8, 2mm (MO-229,VCCD-3)
PQFN-12, 3mm (MO-220, VEED-1)
PQFN-16, 3mm (MO-220, VEED-4, VEED-6)
PQFN-16, 4mm (MO-220, VGGC)
PQFN-20, 4mm (MO-220, VGGD-1)
PQFN-24, 4mm (MO-220, VGGD-8)
PQFN-20, 5mm (MO-220, VHHC)
PQFN-28, 5mm (MO-220, VHHD-1)
PQFN-32, 5mm (MO-220, VHHD-4, VHHD-5)
PQFN-32, 6x4mm
PQFN-32, 6x5mm
PQFN-36, 7x4mm
PQFN-37, 7x6mm
QSOP-16
Also QSOP-16EP
QSOP-24
QSOP-28
R-1, R-4, R-5, R-15
Package Type
Comments
SC-79
SM-1
SM-2
SM-3
SM-4
SM-7-1
SM-20
SM-22
SM-23
SM-24
SM-26
SM-28
SM-41
SM-44
SM-46
SM-52
SM-55
SM-68
Same as SM-44
SM-69
Same as SM-1
SM-74
Same as SM-2
SM-87
Same as SM-1
SM-89
Same as SM-1
SM-106
Same as SM-2
SM-108
Same as SM-2
SM-134
Same as SM-1
SOD-323
SOIC-8
SOIC-14
SOIC-16
SOIC-24, SO-24
SOT-25 (5L)
Same as SOT-23 (5L)
SOT-89
SOT-143 (4L)
SOW-16
Also SOIC-16 Wide Body
SSOP-8
SSOP-20
SSOP-24
SSOP-28
STDFN-8, 2mm
STQFN-12, 2mm
STQFN-14, 2 x 2.5mm
TSSOP-16
Also TSSOP-16EP
X1DFN-6, 1mm
SOT-23 (3L)
SOT-26 (6L)
Same as SOT-23 (6L)
SC-70, SOT-323, SOT-353, SOT-363


Similar Part No. - M513

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M51320P MITSUBISHI-M51320P Datasheet
408Kb / 10P
ANALOG SWITCH
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
Analog switch
Rev.1.0 Sep.22.2003
M51348AFP RENESAS-M51348AFP Datasheet
3Mb / 10P
POCKET TV IF SYSTEM
M51348AVP RENESAS-M51348AVP Datasheet
121Kb / 10P
VIF/SIF for Low Supply Voltage
More results

Similar Description - M513

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ANI-019 MA-COM-ANI-019 Datasheet
588Kb / 6P
Tape & Reel Packaging and Orientation for Surface Mount Components
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
Tape and reel packaging
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
M/A-COM Technology Solu...
ANI-019 MA-COM-ANI-019_14 Datasheet
288Kb / 7P
Tape & Reel Packaging and Orientation for Surface Mount Components
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
Tape and Reel Packaging Available
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
Tape and Reel Packaging
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
09-May-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com