Electronic Components Datasheet Search
  English  ▼

X  

M513 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M513
Description  Tape and Reel Packaging for Surface Mount Components
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M513 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M513 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M513 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Tape and Reel Packaging for Surface Mount Components
Rev. V16
Application Note
M513
18
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
PDFN-6, 1.2 x 1.5 mm (0.5 mm Lead Pitch) & PDFN-6, 1.5 x 1.2 mm (0.4mm Lead Pitch)
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.069 ± 0.004
1.75 ± 0.10
Width
B0
0.053 ± 0.004
1.35 ± 0.10
Depth
K0
0.040 ± 0.004
1.02 ± 0.10
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.002
2.0 ± 0.05
Cavity to Perforation
(width direction)
F
0.138 ± 0.002
3.5 ± 0.05
Cover Tape
Width
C
0.213 ± 0.004
5.4 ± 0.10
Carrier Tape
Width
W
0.315 + 0.012/-0.004
8.0 + 0.3/-0.10
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.025 ± 0.002
0.63 ± 0.05
Width
B0
0.044 ± 0.002
1.12 ± 0.05
Depth
K0
0.010 ± 0.002
0.26 ± 0.06
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.002
2.0 ± 0.05
Cavity to Perforation
(width direction)
F
0.138 ± 0.002
3.5 ± 0.05
Carrier Tape
Width
W
0.315 ± 0.012,-0.00
8.0 ± 0.3,-0.00
Cover Tape
Width
C
0.213 ± 0.004
5.4 ± 0.10
Pocket Hole
D1
0.020 ± 0.004
0.5 ± 0.10
ODS-1294,1295,1306
PDFN-8, 2 mm (MO-229, VCCD-3)
Tape Dimensions
Description
Symbol
Size (inches)
Size (mm)
Cavity
Length
A0
0.095 ± 0.004
2.42 ± 0.10
Width
B0
0.095 ± 0.004
2.42 ± 0.10
Depth
K0
0.043 ± 0.004
1.1 ± 0.10
Pitch
P1
0.157 ± 0.004
4.0 ± 0.10
Distance Between
Centerlines
Cavity to Perforation
(length direction)
P2
0.079 ± 0.002
2.0 ± 0.05
Cavity to Perforation
(width direction)
F
0.217 ± 0.004
5.5 ± 0.10
Cover Tape
Width
C
0.362 ± 0.004
9.2 ± 0.10
Carrier Tape
Width
W
0.472 ± 0.012
12.0 ± 0.30
Diameter
D1
0.039 ± 0.004
1.0 ± 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com