| Electronic Components Datasheet Search |
|
M513 Datasheet(PDF) 24 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
M513 Datasheet(HTML) 24 Page - M/A-COM Technology Solutions, Inc. |
|
24 / 28 page ![]() Tape and Reel Packaging for Surface Mount Components Rev. V16 Application Note M513 24 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. SM-41 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.272 ± 0.004 6.90 ± 0.10 Width B0 0.331 ± 0.004 8.40 ± 0.10 Depth K0 0.291 ± 0.004 7.40 ± 0.10 Pitch P1 0.472 ± 0.004 12.0 ± 0.10 Carrier Tape Width W 0.945 ± 0.012 24.0 ± 0.30 SM-28 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.476 ± 0.004 12.10 ± 0.10 Width B0 0.831 ± 0.004 21.10 ± 0.10 Depth K0 0.256 ± 0.004 6.50 ± 0.10 Pitch P1 0.945 ± 0.004 24.00 ± 0.10 Carrier Tape Width W 1.260 ± 0.012 32.00 ± 0.30 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.476 ± 0.004 12.10 ± 0.10 Width B0 0.780 ± 0.004 19.80 ± 0.10 Depth K0 0.217 ± 0.004 5.50 ± 0.10 Pitch P1 0.630 ± 0.004 16.0 ± 0.10 Carrier Tape Width W 1.260 ± 0.012 32.00 ± 0.30 SM-26 SM-44, SM-68 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.295 ± 0.004 7.50 ± 0.10 Width B0 0.331 ± 0.004 8.40 ± 0.10 Depth K0 0.217 ± 0.004 5.50 ± 0.10 Pitch P1 0.472 ± 0.004 12.0 ± 0.10 Carrier Tape Width W 0.630 ± 0.012 16.0 ± 0.30 SM-46 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.823 ± 0.004 20.90 ± 0.10 Width B0 0.449 ± 0.004 11.40 ± 0.10 Depth K0 0.268 ± 0.004 6.80 ± 0.10 Pitch P1 0.945 ± 0.004 24.00 ± 0.10 Carrier Tape Width W 1.260 ± 0.012 32.00 ± 0.30 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.220 ± 0.004 5.60 ± 0.10 Width B0 0.220 ± 0.004 5.60 ± 0.10 Depth K0 0.118 ± 0.004 3.00 ± 0.10 Pitch P1 0.315 ± 0.004 8.00 ± 0.10 Carrier Tape Width W 0.472 ± 0.012 12.00 ± 0.30 SM-52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |