| Electronic Components Datasheet Search |
|
M513 Datasheet(PDF) 22 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
M513 Datasheet(HTML) 22 Page - M/A-COM Technology Solutions, Inc. |
|
22 / 28 page ![]() Tape and Reel Packaging for Surface Mount Components Rev. V16 Application Note M513 22 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. SC-70, SOT-323 (3-lead), SOT-353 (5-lead), and SOT-363 (6-lead) Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.089 ± 0.004 2.25 ± 0.10 Width B0 0.094 ± 0.004 2.40 ± 0.10 Depth K0 0.047 ± 0.004 1.20 ± 0.10 Pitch P1 0.157 ± 0.004 4.00 ± 0.10 Distance Between Centerlines Cavity to Perforation (length direction) P2 0.079 ± 0.004 2.00 ± 0.10 Cavity to Perforation (width direction) F 0.138 ± 0.004 3.50 ± 0.10 Carrier Tape Width W 0.315 ± 0.012 8.00 ± 0.30 Cover Tape Width C 0.213 ± 0.004 5.40 ± 0.10 SC-79 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.035 ± 0.002 0.90 ± 0.05 Width B0 0.076 ± 0.002 1.94 ± 0.05 Depth K0 0.029 ± 0.002 0.73 ± 0.05 Pitch P1 0.157 ± 0.002 4.00 ± 0.05 Distance Between Centerlines Cavity to Perforation (length direction) P2 0.079 ± 0.002 2.00 ± 0.05 Cavity to Perforation (width direction) F 0.138 ± 0.002 3.50 ± 0.05 Carrier Tape Width W 0.315 +0.012/-0.004 8.00 +0.30/-0.10 Cover Tape Width C 0.213 ± 0.004 5.40 ± 0.10 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.401 ± 0.004 10.26 ± 0.10 Width B0 0.530 ± 0.004 13.46 ± 0.10 Depth K0 0.240 ± 0.004 6.10 ± 0.10 Pitch P1 0.472 ± 0.004 12.0 ± 0.10 Carrier Tape Width W 0.945 ± 0.012 24.0 ± 0.30 SM-2, SM-4, SM-74, SM-108 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.275 ± 0.004 7.00 ± 0.10 Width B0 0.335 ± 0.004 8.50 ± 0.10 Depth K0 0.209 ± 0.004 5.30 ± 0.10 Pitch P1 0.472 ± 0.004 12.0 ± 0.10 Carrier Tape Width W 0.630 ± 0.012 16.0 ± 0.30 SM-1, SM-23, SM-69, SM-87, SM-89, SM-134 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |