| Electronic Components Datasheet Search |
|
M513 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
M513 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc. |
|
16 / 28 page ![]() Tape and Reel Packaging for Surface Mount Components Rev. V16 Application Note M513 16 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ODS-186 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.367 ± 0.004 9.32 ± 0.1 Width B0 0.106 ± 0.004 2.7 ± 0.1 Depth K0 0.054 ± 0.004 1.37 ± 0.1 Pitch P1 0.472 ± 0.004 12.0 ± 0.1 Distance Between Centerlines Cavity to Perforation (length direction) P2 0.079 ± 0.004 2.0 ± 0.1 Cavity to Perforation (width direction) F 0.295 ± 0.004 7.50 ± 0.1 Carrier Tape Width W 0.630 ± 0.012 16.0 ± 0.1 Cover Tape Width C 0.523 ± 0.004 13.3 ± 0.1 ODS-401 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Inside Tape Spacing B0 2.062 ± 0.059 52.4 ± 1.5 Component Pitch P1 0.200 ± 0.020 5.0 ± 0.5 Carrier Tape Width W 0.250 ± 0.020 6.35 ± 0.5 ODS-1056 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Length A0 0.082 ± 0.004 2.0 ± 0.1 Width B0 0.081 ± 0.004 2.0 ± 0.1 Depth K0 0.047 ± 0.004 1.19 ± 0.1 Pitch P1 0.1575 ± 0.004 4.0 ± 0.1 Distance Between Centerlines Cavity to Perforation (length direction) P2 0.079 ± 0.002 2.0 ± 0.05 Cavity to Perforation (width direction) F 0.1378 ± 0.002 3.5 ± 0.05 Carrier Tape Width W 0.315 ± 0.012, -0.004 8.0 ± 0.3, -0.1 Cover Tape Width C 0.212 ± 0.004 5.4 ± 0.1 ODS-402 Tape Dimensions Description Symbol Size (inches) Size (mm) Cavity Inside Tape Spacing B0 2.062 ± 0.059 52.4 ± 1.5 Component Pitch P1 0.200 ± 0.020 5.0 ± 0.5 Carrier Tape Width W 0.250 ± 0.020 6.35 ± 0.5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |