Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 5 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 5 Page - Switchcraft, Inc.

  Z15J Datasheet HTML 1Page - Switchcraft, Inc. Z15J Datasheet HTML 2Page - Switchcraft, Inc. Z15J Datasheet HTML 3Page - Switchcraft, Inc. Z15J Datasheet HTML 4Page - Switchcraft, Inc. Z15J Datasheet HTML 5Page - Switchcraft, Inc. Z15J Datasheet HTML 6Page - Switchcraft, Inc. Z15J Datasheet HTML 7Page - Switchcraft, Inc. Z15J Datasheet HTML 8Page - Switchcraft, Inc. Z15J Datasheet HTML 9Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
PATCHBAYS
4
Our Patchbays Have Just
Rounded A New Corner
Actually, the corners we rounded
belong to our patchbays’ revolutionary,
new Professional Punchdown Terminal
(PPT), making it perfectly compatible
with the industry standard. We realized
that achieving a new industry standard
meant we couldn’t cut any corners to
get there.
The PPT design incorporates a
split-barrel design and a more rugged,
thicker housing to minimize the
impact of repeated punchdowns.
The split-barrel design eliminates
the problems associated with the
old “V-shaped” terminal designs.
The PPT design distributes pressure
evenly across both sides of the
terminated wire, causing improved
wire retention plus more reliable
connections. The serrated teeth in
the plastic housing firmly grip the
wires, which also greatly improves
wire retention. With the PPT, multiple
wires can be terminated to a single
contact, and a wide range of wire
gauges can be used.
Look for Switchcraft’s PPT in our MTP and TTP Series of audio patchbays, and in our new Backpanel Series.
All Switchcraft audio patchbays incorporate heavy gauge materials and our high quality nickel-plated, steel framed
jacks. Gold-plated, crossbar contacts come standard!
Materials
Housing: Thermoplastic (UL 94V-0)
Contacts: High strength copper alloy, tin plated
Wire size: Accommodates #22, 24, or 26 AWG, stranded or solid
Our Patchbays Now Feature the New
Professional Punchdown Terminal (PPT)
Accessories
Part Number
Description
K459
PPT replacement kit consists of
15 of each color* (IDC/IDC)
K460
PPT replacement kit consists of
15 of each color (IDC/wirewrap)
PT1LA
PPT impact punchdown tool
PT2B
Replacement bit for PT1LA tool
*Colors consist of red, black, white, yellow, blue, and
orange.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com