Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 66 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 66 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 62Page - Switchcraft, Inc. Z15J Datasheet HTML 63Page - Switchcraft, Inc. Z15J Datasheet HTML 64Page - Switchcraft, Inc. Z15J Datasheet HTML 65Page - Switchcraft, Inc. Z15J Datasheet HTML 66Page - Switchcraft, Inc. Z15J Datasheet HTML 67Page - Switchcraft, Inc. Z15J Datasheet HTML 68Page - Switchcraft, Inc. Z15J Datasheet HTML 69Page - Switchcraft, Inc. Z15J Datasheet HTML 70Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
JACKS & PLUGS
65
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
Jack Series
Littel Phone, Hi-D, Right Angle PC Mount 1/4", 1/4" Extension Jack Series
JACKS & PLUGS
Switchcraft offers an extensive variety of
1/4" commercial jacks. Littel phone jacks
offer open frame designs, Hi-D jacks offer
an enclosed, 94V-0 rated thermoplastic
housing, our RA jacks are designed for right
angle PC board layouts, and our Extension
jacks allow the end user to extend cable
lengths. All offer a wide range of options to
fit a multitude of needs. For mating plugs,
look to page 83 for all of the various options.
Specifications
Mechanical
Life: 10,000 insertion/withdrawal cycles,
minimum
Electrical
Contact Resistance: .030 ohms
maximum (initial), .050 ohms
maximum (after humidity, durability
exposure) Per Mil-Std-202E
Insulation Resistance: 10,000 MW
minimum (initial), 1,000 MW minimum
(after humidity)
Dielectric Withstanding Voltage: 500V,
60 Hz (rms) AC
Contact Rating: 1A, 25 VDC
Environmental
Thermal Range: -55˚C to +85˚C
(non-operating); -20˚C to +65˚C
(operating)
Thermal Shock: Per Mil-Std-202,
method 107
Humidity: Per Mil-Std-202, method 106
Salt Spray: Per Mil-Std 202, method 101
Materials
Mounting Bushing: Copper alloy,
nickel-plated
(RN & RA Series: Thermoplastic)
Insulation: Rigid plastic
Springs: Special copper alloy.
Integral contacts are standard in the iso-
lated switching circuits
Sleeve Terminal: Copper alloy
Hardware: Supplied with one Number
P10001 copper alloy nickel-plated hex
nut, and one Number S1022
steel nickel-plated washer
111
11
114BPCS
Z15J
RA49B11
RN112APC
80
120
133
128
See next page for ordering information
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com