Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 6 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 6 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 2Page - Switchcraft, Inc. Z15J Datasheet HTML 3Page - Switchcraft, Inc. Z15J Datasheet HTML 4Page - Switchcraft, Inc. Z15J Datasheet HTML 5Page - Switchcraft, Inc. Z15J Datasheet HTML 6Page - Switchcraft, Inc. Z15J Datasheet HTML 7Page - Switchcraft, Inc. Z15J Datasheet HTML 8Page - Switchcraft, Inc. Z15J Datasheet HTML 9Page - Switchcraft, Inc. Z15J Datasheet HTML 10Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
MTPH48K3NO
PATCHBAYS
5
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
MTPH/TTPH Harness Series
Features and Benefits
• Units feature either 48 MT style
jacks or 96 TT style jacks on the
front panels, to a 4 foot harness,
out to a backpanel with PPT’s
• All versions utilize AES/EBU
wiring for complete digital
compatibility
• Attractive, corrosion resistant
nickel-plated, steel frame jacks
• Gold-plated switching contacts
reduce contact resistance,
improve reliability
Specifications
Materials
Jacks
Frame: Nickel-plated steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs:
Nickel silver with welded
contacts
Assembly Screws: Zinc-plated
steel
Welded Contacts: Gold alloy
Panel
Front Channel:
Black anodized aluminum
Frame: C.R.S. black epoxy painted
Designation Strips: Black
polycarbonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Jack Inserts: Thermoplastic
polyester
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Environmental: 0˚C to +50˚C
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
Dielectric Withstanding Voltage:
500 VAC at 60 Hz
Working Voltage: 140 VDC maximum
Current Rating: 100 milliamps
The MTPH and TTPH Harness Series utilize standard front panel assemblies, a
4-foot cable harness, and our standard back panel assemblies. Primarily used
where the back panels must either be mounted into a rack, or brought back to the
front for easier access. Custom cable lengths can also be supplied. Contact the
factory for details.
DIGITAL
AES / EBU
Digital Ready!
Ordering Information
Type
No. of
Part Number
of Jack
Jacks
Description
MTPH48K1NS
MT
48
1.75" High front panel, 4’ Harness,
3.5" High back panel, normals strapped
MTPH48K1NO
MT
48
1.75" High front panel, 4’ Harness,
3.5" High back panel, normals brought out
MTPH48K3NS
MT
48
3.5" High front panel, 4’ Harness,
3.5" High back panel, normals strapped
MTPH48K3NO
MT
48
3.5" High front panel, 4’ Harness,
3.5" High back panel, normals brought out
MTPH48K3SNO
MT
48
3.5" High front panel, 4’ Harness, 3.5" High
back panel, sleeve normals brought out
TTPH96K1NS
TT
96
1.75" High front panel, 4’ Harness,
3.5" High back panel, normals strapped
TTPH96K1NO
TT
96
1.75" High front panel, 4’ Harness,
5.25" High back panel, normals brought out
TTPH96K3NS
TT
96
3.5" High front panel, 4’ Harness,
3.5" High back panel, normals strapped
TTPH96K3NO
TT
96
3.5" High front panel, 4’ Harness,
5.25" High back panel, normals brought out
See Next Page for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com