Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 70 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 70 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 66Page - Switchcraft, Inc. Z15J Datasheet HTML 67Page - Switchcraft, Inc. Z15J Datasheet HTML 68Page - Switchcraft, Inc. Z15J Datasheet HTML 69Page - Switchcraft, Inc. Z15J Datasheet HTML 70Page - Switchcraft, Inc. Z15J Datasheet HTML 71Page - Switchcraft, Inc. Z15J Datasheet HTML 72Page - Switchcraft, Inc. Z15J Datasheet HTML 73Page - Switchcraft, Inc. Z15J Datasheet HTML 74Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
JACKS & PLUGS
69
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Jack Series
Phono, Phono Extension, TT or Bantam, MT 1/4" Jack Series
Phono jacks, more commonly called RCA jacks offer low
cost, two conductor connections. TT or bantam jacks are
the same type used in our audio patchbays. Typically
used in high end studio applications. MT or 1/4" jacks are
just a bigger version of the TT jacks. Same high quality,
just in a larger package.
Specifications - Phono Jacks
Materials
Frame and Shell: Steel, plated
Center Terminal: Plated copper alloy (3517PC); Plated
copper alloy (3514PC)
Insulator: Thermoplastic (3514PC) Ceramic and glass
filled thermoplastic (3517PC)
For 3515PC Only:
Contact and Saddle: Spring type copper alloy, copper
alloy pre-tinned
Shell: Steel or copper alloy, plated
Insulator Bushing: Ceramic
Insulator Spacer: Glass-filled thermoplastic
Specifications - TT and MT Jacks
Mechanical
Life: Commercial – 30,000 insertion/withdrawal
cycles, minimum; Military – 30,000 insertion/
withdrawal cycles, minimum
Mechanical Shock: Military – Per Mil-Std-202,
method 213, Test Condition H (75g)
Vibration: Military – Per Mil-Std-202, method 213,
(10-55 Hz)
Electrical
Contact Resistance: Commercial – .030 ohms maximum
(initial), .050 ohms maximum (after humidity, durability,
exposure); Military – .010 ohms maximum (initial),
.020 ohms maximum (after life), .10 ohms maximum
(after salt spray)
Insulation Resistance: Commercial – 10,000 M
minimum (initial), 1,000 M
minimum (after humidity);
Military – 10,000 M
minimum (initial), 1,000 M
minimum (after humidity, durability exposure)
Dielectric Withstanding Voltage: 500V, 60 Hz (rms) AC
(continued on next page)
3514PC
3501FR
3501FP
3503
YMT334BN
TT34BNY
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com