Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 25 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 25 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 21Page - Switchcraft, Inc. Z15J Datasheet HTML 22Page - Switchcraft, Inc. Z15J Datasheet HTML 23Page - Switchcraft, Inc. Z15J Datasheet HTML 24Page - Switchcraft, Inc. Z15J Datasheet HTML 25Page - Switchcraft, Inc. Z15J Datasheet HTML 26Page - Switchcraft, Inc. Z15J Datasheet HTML 27Page - Switchcraft, Inc. Z15J Datasheet HTML 28Page - Switchcraft, Inc. Z15J Datasheet HTML 29Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
PATCHBAYS
24
Features and Benefits
• Kit features 48 1/4" longframe
jacks in one rack space (1" high)
or in two rack spaces (3" high) or
52 1/4" longframe jacks in one
rack space (1" high)
• Allows user to add cable and
termination panel
• Removable jack panel from the
front allows easy soldering of
wire connections
• Jacks have gold switching
contacts
• Fanned solder terminals for easier
soldering
• Offset ground lugs allow easy
bussing of ground with one wire
• Jacks have a nickel-plated frame
and assembly screws
• Wire management straps are
reusable and adjustable
Specifications
Materials
Jacks
Frame: Stamped nickel-plated
steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs:
Nickel silver with welded
contacts
Assembly Screws: Nickel-plated
steel
Welded Contacts: Gold alloy
Panel
Front Panel: Thermoplastic
Frame: C.R.S. black epoxy paint
Designation Strips: Black
polycarbonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Operating: 0˚C to +50˚C
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
MT48K/MT52K Patchkit Series
Ordering Information
Part Number Type of Jack
No. of Jacks
Height
Description
MT48K1NS
MT
48
1.75"
Normals strapped
MT48K1FN
MT
48
1.75"
Full normals
MT48K1HN
MT
48
1.75"
Half normals
MT48K1NN
MT
48
1.75"
No normals
MT52K1NS
MT
52
1.75"
Normals strapped
MT52K1FN
MT
52
1.75"
Full normals
MT52K1HN
MT
52
1.75"
Half normals
MT52K1NN
MT
52
1.75"
No normals
MT48K3FN
MT
48
3.5"
Full normals
MT48K3HN
MT
48
3.5"
Half normals
MT48K3NN
MT
48
3.5"
No normals
MT52K3FN
MT
52
3.5"
Full normals
MT52K3HN
MT
52
3.5"
Half normals
MT52K3NN
MT
52
3.5"
No normals
The MT48/52K Patchkit Series offers the end user a rugged cable tray to support
rear cabling. Heavy duty construction takes weight off the back of the jacks for
increased reliability. Available in 1.75" or 3.5" height versions.
MT52K1FN
Dielectric Withstanding Voltage:
500VAC at 60 Hz
Working Voltage: 140VDC
maximum
Current Rating: 100 milliamps
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com