Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 87 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 87 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 83Page - Switchcraft, Inc. Z15J Datasheet HTML 84Page - Switchcraft, Inc. Z15J Datasheet HTML 85Page - Switchcraft, Inc. Z15J Datasheet HTML 86Page - Switchcraft, Inc. Z15J Datasheet HTML 87Page - Switchcraft, Inc. Z15J Datasheet HTML 88Page - Switchcraft, Inc. Z15J Datasheet HTML 89Page - Switchcraft, Inc. Z15J Datasheet HTML 90Page - Switchcraft, Inc. Z15J Datasheet HTML 91Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
JACKS & PLUGS
86
Ordering Information
Typical
Part No.
Conductors
Terminals
Mating Jack
Handle
Notes
Tini-Plug (.141")
740
2
Screw
41
Black
750
2
Solder
41
Black
755
2
Solder
41
Red
780
2
Solder
41
Shielded
Micro-Plugs (.097")
850
2
Solder
TR2A
Black
855
2
Solder
TR2A
Red
851
2
Solder
TR2A
Black
Locking version
880
2
Solder
TR2A
Shielded
881
2
Solder
TR2A
Shielded
Locking version
3.5mm Stereo Plugs
35HDNN
3
Solder
Shielded
35HDBAU
3
Solder
Black Shielded
Gold-plated finger
35HDNAU
3
Solder
Shielded
Gold-plated finger
3.5mm Right Angle Stereo Plugs
35HDRANN
3
Solder
Shielded
35HDRABAU
3
Solder
Black Shielded
Gold-plated finger
35HDRAAU
3
Solder
Shielded
Gold-plated finger
Phono Plugs
3502
2
Solder
3501FP
Shielded
Hollow Pin
3502A
2
Solder
3501FP
Shielded
Large cable clamp, solid pin
3502AAU
2
Solder
3501FP
Shielded
Gold-plated finger
3502ABAU
2
Solder
3501FP
Black shielded
Gold-plated finger
3502L
2
Solder
3501FP
Shielded
Hollow pin, large cable clamp
35581
2
Solder
3501FP
Red
Plastic handle
35582
3
Solder
3501FP
Black
Plastic handle
35585
3
Solder
3501FP
White
Plastic handle
Right Angle Phono Plugs
3502RA
2
Solder
3501FP
Shielded
3502RABAU
2
Solder
3501FP
Black Shielded
Gold-plated finger
3502RAAU
2
Solder
3501FP
Shielded
Gold-plated finger
Plug Series
See Pages 90-92 for Mechanical Drawings
Materials
Tip, Rod and Body (also integral
coupling collar on lock micro-plug):
Nickel-plated copper alloy
Insulation: Molded thermoplastic
Sleeve Termination and Cable
Clamp: Tinned copper alloy
Handle: Nickel-plated copper
alloy, or anodized aluminum,
or thermoplastic. See factory
for details.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com