Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 72 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 72 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 68Page - Switchcraft, Inc. Z15J Datasheet HTML 69Page - Switchcraft, Inc. Z15J Datasheet HTML 70Page - Switchcraft, Inc. Z15J Datasheet HTML 71Page - Switchcraft, Inc. Z15J Datasheet HTML 72Page - Switchcraft, Inc. Z15J Datasheet HTML 73Page - Switchcraft, Inc. Z15J Datasheet HTML 74Page - Switchcraft, Inc. Z15J Datasheet HTML 75Page - Switchcraft, Inc. Z15J Datasheet HTML 76Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
JACKS & PLUGS
71
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Ordering Information
Part Number
Style
Notes
712A
Panel
0.100" center pin
722A
Panel
0.080" center pin
732A
Panel
0.050" center pin
760
Cord
0.100" center hole, black handle
765
Cord
0.100“ center hole, red handle
S760
Cord
0.080" center hole, black handle
S765
Cord
0.080" center hole, red handle
860
Cord
0.050" center hole, black handle
865
Cord
0.050" center hole, red handle
760K
Cord
0.100" center hole, black handle, locking
S760K
Cord
0.080" center hole, black handle, locking
Power/Jacks Plugs Series
700, S700, 800 Cord & Panel Style Series
Low power AC to DC power jacks
and plugs are used throughout the
audio industry, to power a wide
variety of products. Switchcraft offers
both cord plug and panel mount
versions, including locking and
non-locking versions.
Specifications - Plugs
Electrical:
Current (Carry): 5 amps
Materials
Plug Sleeve and Pin: Nickel-plated
copper alloy
Lock Ring: Nickel-plated copper
alloy
Lock Ring Thread Size: 5/16" -
32 UNEF 2B
Finger Insulator: Molded plastic
Insulating Washers: Rigid plastic
Sleeve Terminal: Copper alloy,
electro-tinned
Handle: Molded plastic
Handle Thread Size: 5/16" -
24 UNF 2B
Specifications - Jacks
Mechanical
Life: 10,000 insertion/withdrawal
cycles minimum
Insertion/Withdrawal Forces:
3 pound insertion (maximum),
4 ounce minimum withdrawal
Electrical
Contact Resistance: .01 ohms
maximum (initial), .02 ohms
maximum (after humidity,
durability exposure), .1 ohms
maximum (after salt spray)
Insulation Resistance: 10,000
MW minimum (initial), 1,000 MW
minimum (after humidity,
durability exposure)
Dielectric Withstanding Voltage:
500 VAC maximum
Contact Rating: 5A, 12 VDC
resistive
Materials
Housing: Molded plastic
Mounting Bushing and Hex Nut:
Plated copper alloy
Pin, Spring and Terminals: Plated
copper alloy
Insulators: Rigid plastic
Hardware: Supplied with one
Number P2439 nickel-plated
brass hex nut, and one Number
P2441 nickel-plated steel flat
washer
760K
712A
760
See Next Page for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com