Electronic Components Datasheet Search
  English  ▼

X  

Z15J Datasheet(PDF) 15 Page - Switchcraft, Inc.

Part # Z15J
Description  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

Z15J Datasheet(HTML) 15 Page - Switchcraft, Inc.

Back Button Z15J Datasheet HTML 11Page - Switchcraft, Inc. Z15J Datasheet HTML 12Page - Switchcraft, Inc. Z15J Datasheet HTML 13Page - Switchcraft, Inc. Z15J Datasheet HTML 14Page - Switchcraft, Inc. Z15J Datasheet HTML 15Page - Switchcraft, Inc. Z15J Datasheet HTML 16Page - Switchcraft, Inc. Z15J Datasheet HTML 17Page - Switchcraft, Inc. Z15J Datasheet HTML 18Page - Switchcraft, Inc. Z15J Datasheet HTML 19Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
PATCHBAYS
14
Features and Benefits
• Unit features 48 MT style jacks
in either 1RU (1.75" H) or 2RU
(3.5" H) spaces
• All versions utilize AES/EBU
wiring for complete digital
compatibility
• Attractive, corrosion resistant
nickel-plated, steel frame jacks
• Gold-plated switching contacts
reduce contact resistance,
improve reliability
• Rugged, attractive black epoxy-
finished steel chassis
• Extra wide designation strips for
easy channel identification
• 1RU version configurations include
normals strapped and normals
brought out
• 2RU version configurations include
normals strapped, normals
brought out, and sleeve normals
brought out
Specifications
Materials
Jacks
Frame: Nickel-plated steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs:
Nickel silver with welded
contacts
Assembly Screws: Zinc-plated
steel
Welded Contacts: Gold alloy
Panel
Front Channel:
Black anodized aluminum
Frame: C.R.S. black epoxy painted
Designation Strips: Black
polycarbonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Jack Inserts: Thermoplastic
polyester
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Environmental: O˚C to +50˚C
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance: 10,000
megohms maximum
Dielectric Withstanding Voltage:
500 VAC at 60 Hz
Working Voltage: 140 VDC
maximum
Current Rating: 100 milliamps
DIGITAL
AES / EBU
Digital Ready!
Ordering Information
Part Number Type of Jack
No. of Jacks
Description
MTP48K1NS
MT
48
1.75" High, normals strapped
MTP48K3NS
MT
48
3.5" High, normals strapped
MTP48K1NO
MT
48
1.75" High, normals brought out
MTP48K3NO
MT
48
3.5" High, normals brought out
MTP48K3SNO
MT
48
3.5" High, sleeve normals out
The MTP Series was developed with the AES/EBU digital standard in mind.
All versions are made with 110 Ohm cabling inside as a standard. Available in
a wide variety of configurations.
MTP48K3NO
MTP48K Wired Series
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com