Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 7 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 3Page - Texas Instruments CP1008 Datasheet HTML 4Page - Texas Instruments CP1008 Datasheet HTML 5Page - Texas Instruments CP1008 Datasheet HTML 6Page - Texas Instruments CP1008 Datasheet HTML 7Page - Texas Instruments CP1008 Datasheet HTML 8Page - Texas Instruments CP1008 Datasheet HTML 9Page - Texas Instruments CP1008 Datasheet HTML 10Page - Texas Instruments CP1008 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
Circuit of Figure 2, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM
Voltage from BOOT pin to SW pin
During charge or boost operation
6.5
V
Internal top reverse blocking MOSFET
IIN(LIMIT) = 500 mA, Measured from VBUS to PMID
180
250
on-resistance
Internal top N-channel Switching MOSFET
Measured from PMID to SW,
120
250
m
Ω
on-resistance
VBOOT – VSW= 4V
Internal bottom N-channel MOSFET
Measured from SW to PGND
110
210
on-resistance
f(OSC)
Oscillator frequency
3.0
MHz
Frequency accuracy
–10%
10%
D(MAX)
Maximum duty cycle
99.5%
D(MIN)
Minimum duty cycle
0
Synchronous mode to non-synchronous
Low-side MOSFET cycle-by-cycle current sensing
100
mA
mode transition current threshold(3)
CHARGE MODE PROTECTION
Input VBUS OVP threshold voltage
VBUS threshold to turn off converter during charge
6.3
6.5
6.7
V
(bq24153A/8)
VOVP_IN_USB
V(OVP_IN_USB) hysteresis (bq24153A/8)
VBUS falling from above V(OVP_IN_USB)
170
mV
Input VBUS OVP threshold voltage
Threshold over VBUS to turn off converter during
VOVP-IN_DYN
9.57
9.8
10
(bq24156A)
charge
V(OVP_IN_DYN) hysteresis (bq24156A/9)
VBUS falling from above V(OVP_IN_DYN)
140
V(CSOUT) threshold over V(OREG) to turn off charger
Output OVP threshold voltage
110
117
121
during charge
VOVP
%VOREG
V(OVP) hysteresis
Lower limit for V(CSOUT) falling from above V(OVP)
11
ILIMIT
Cycle-by-cycle current limit for charge
Charge mode operation
1.8
2.4
3.0
A
Trickle to fast charge threshold
V(CSOUT) rising
2.0
2.1
2.2
V
VSHORT
VSHORT hysteresis
V(CSOUT) falling below VSHORT
100
mV
ISHORT
Trickle charge charging current
V(CSOUT) ≤ VSHORT)
20
30
40
mA
BOOST MODE OPERATION FOR VBUS (OPA_MODE = 1, HZ_MODE = 0, bq24153A/8 only)
VBUS_B
Boost output voltage (to VBUS pin)
2.5V
< V(CSOUT) < 4.5 V
5.05
V
Boost output voltage accuracy
Including line and load regulation
–3%
3%
IBO
Maximum output current for boost
VBUS_B = 5.05 V, 2.5 V < V(CSOUT) < 4.5 V
200
mA
IBLIMIT
Cycle by cycle current limit for boost
VBUS_B = 5.05 V, 2.5 V < V(CSOUT) < 4.5 V
1.0
A
Overvoltage protection threshold for boost
Threshold over VBUS to turn off converter during
5.8
6.0
6.2
V
(VBUS pin)
boost
VBUSOVP
VBUSOVP hysteresis
VBUS falling from above VBUSOVP
162
mV
Maximum battery voltage for boost (CSOUT
V(CSOUT) rising edge during boost
4.75
4.9
5.05
V
pin)
VBATMAX
VBATMAX hysteresis
V(CSOUT) falling from above VBATMAX
200
mV
During boosting
2.5
V
Minimum battery voltage for boost (CSOUT
VBATMIN
pin)
Before boost starts
2.9
3.05
V
Boost output resistance at high-impedance
CD = 1 or HZ_MODE = 1
217
k
Ω
mode (From VBUS to PGND)
PROTECTION
TSHTDWN)
Thermal trip
165
Thermal hysteresis
10
°C
TCF
Thermal regulation threshold
Charge current begins to reduce
120
t32S
32 second watchdog (WD) timer
32 Second or HOST mode
15
32
s
t15M
15 minute safety timer
15 Minute mode
12
15
m
(3)
Bottom N-channel FET always turns on for ~30 ns and then turns off if current is too low.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com