Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 31 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 27Page - Texas Instruments CP1008 Datasheet HTML 28Page - Texas Instruments CP1008 Datasheet HTML 29Page - Texas Instruments CP1008 Datasheet HTML 30Page - Texas Instruments CP1008 Datasheet HTML 31Page - Texas Instruments CP1008 Datasheet HTML 32Page - Texas Instruments CP1008 Datasheet HTML 33Page - Texas Instruments CP1008 Datasheet HTML 34Page - Texas Instruments CP1008 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
OUT
OUT
1
=
o
2
L
C
f
p ´
´
V
IN
+
-
C1
C2
PMID
VBUS
SW
L1
PGND
bq2415x
C4
Isns
Rsns
C3
Ichg
BAT
+
Isys
System
Load
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
Table 11. Charge Current Settings for 55-m
Ω, 68-mΩ and 100-mΩ Sense Resistors (continued)
IO(CHARGE) (mA)
IO(CHARGE) (mA)
IO(CHARGE) (mA)
BIT
VI(REG) (mV)
R(SNS) = 55mΩ
R(SNS) = 68mΩ
R(SNS) = 100mΩ
VI(CHRG0)
6.8
124
100
68
Offset
37.4
680
550
374
For example, with a 68-m
Ω sense resistor, V(CHRG3)=1, V(CHRG2)=0, V(ICHRG1)=0, and V(ICHRG0)=1, ITERM = [
(54.4mV x 1) + (27.2mV x 0) + (13.6mV x 0) + (6.8mV x 1) + 37.4mV ] / 68m
Ω = 800mA + 0 + 0 + 100mA =
900mA.
Output Inductor and Capacitance Selection Guidelines
The IC provides internal loop compensation. With the internal loop compensation, the highest stability occurs
when the LC resonant frequency, fo, is approximately 40 kHz (20 kHz to 80 kHz). Equation 3 can be used to
calculate the value of the output inductor, LOUT, and output capacitor, COUT.
(3)
To reduce the output voltage ripple, a ceramic capacitor with the capacitance between 4.7
μF and 47 μF is
recommended for COUT, see the application section for components selection.
POWER TOPOLOGIES
System Load After Sensing Resistor
One of the simpler high-efficiency topologies connects the system load directly across the battery pack, as
shown in Figure 36. The input voltage has been converted to a usable system voltage with good efficiency from
the input. When the input power is on, it supplies the system load and charges the battery pack at the same time.
When the input power is off, the battery pack powers the system directly.
Figure 36. System Load After Sensing Resistor
The advantages:
1. When the AC adapter is disconnected, the battery pack powers the system load with minimum power
dissipation. Consequently, the time that the system runs on the battery pack can be maximized.
2. It reduces the number of external path selection components and offers a low-cost solution.
3. Dynamic power management (DPM) can be achieved. The total of the charge current and the system current
can be limited to a desired value by setting the charge current value. When the system current increases, the
charge current drops by the same amount. As a result, no potential over-current or over-heating issues are
caused by excessive system load demand.
4. The total input current can be limited to a desired value by setting the input current limit value. USB
specifications can be met easily.
5. The supply voltage variation range for the system can be minimized.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com