Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 21 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 17Page - Texas Instruments CP1008 Datasheet HTML 18Page - Texas Instruments CP1008 Datasheet HTML 19Page - Texas Instruments CP1008 Datasheet HTML 20Page - Texas Instruments CP1008 Datasheet HTML 21Page - Texas Instruments CP1008 Datasheet HTML 22Page - Texas Instruments CP1008 Datasheet HTML 23Page - Texas Instruments CP1008 Datasheet HTML 24Page - Texas Instruments CP1008 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
PWM Controller in Charge Mode
The IC provides an integrated, fixed 3 MHz frequency voltage-mode controller to regulate charge current or
voltage. This type of controller is used to improve line transient response, thereby, simplifying the compensation
network used for both continuous and discontinuous current conduction operation. The voltage and current loops
are internally compensated using a Type-III compensation scheme that provides enough phase margin for stable
operation, allowing the use of small ceramic capacitors with a low ESR. The device operates between 0% to
99.5% duty cycles.
The IC has back to back common-drain N-channel FETs at the high side and one N-channel FET at low side.
The input N-FET (Q1) prevents battery discharge when VBUS is lower than VCSOUT. The second high-side N-FET
(Q2) is the switching control switch. A charge pump circuit is used to provide gate drive for Q1, while a bootstrap
circuit with an external bootstrap capacitor is used to supply the gate drive voltage for Q2.
Cycle-by-cycle current limit is sensed through the FETs Q2 and Q3. The threshold for Q2 is set to a nominal
2.4-A peak current. The low-side FET (Q3) also has a current limit that decides if the PWM Controller will operate
in synchronous or non-synchronous mode. This threshold is set to 100mA and it turns off the low-side N-channel
FET (Q3) before the current reverses, preventing the battery from discharging. Synchronous operation is used
when the current of the low-side FET is greater than 100mA to minimize power losses.
Battery Charging Process
At the beginning of precharge, while battery voltage is below the V(SHORT) threshold, the IC applies a short-circuit
current, I(SHORT), to the battery. When the battery voltage is above VSHORT and below VOREG, the charge current
ramps up to fast charge current, IOCHARGE, or a charge current that corresponds to the input current of IIN_LIMIT.
The slew rate for fast charge current is controlled to minimize the current and voltage over-shoot during transient.
Both the input current limit, IIN_LIMIT, and fast charge current, IOCHARGE, can be set by the host. Once the battery
voltage reaches the regulation voltage, VOREG, the charge current is tapered down as shown in Figure 30. The
voltage regulation feedback occurs by monitoring the battery-pack voltage between the CSOUT and PGND pins.
In HOST mode, the regulation voltage is adjustable (3.5V to 4.44V) and is programmed through I2C interface. In
15-minute mode, the regulation voltage is fixed at 3.54V.
The IC monitors the charging current during the voltage regulation phase. If termination is enabled, during the
normal charging process with HOST control, once the voltage at the CSOUT pin is above the battery recharge
threshold, VOREG- VRCH for the 32-ms (typical) deglitch period, and the termination charge current ITERM is
detected, the IC turns off the PWM charge and enables a discharge current, IDETECT, for a period of tDETECT
(262-ms typical), then checks the battery voltage. If the battery voltage is still above the recharge threshold after
tDETECT, the battery charging is complete. The battery detection routine is used to ensure termination did not
occur because the battery was removed. After 40ms (typical) for synchronization purposes of the EOC state and
the counter, the status bit and pin are updated to indicate charging has completed. The termination current level
is programmable. To disable the charge current termination, the host can set the charge termination bit (I_Term)
of charge control register to 0, refer to I2C section for detail.
A new charge cycle is initiated when one of the following conditions is detected:
•
The battery voltage falls below the V(OREG) – V(RCH) threshold.
•
VBUS Power-on reset (POR), if battery voltage is below the V(LOWV) threshold.
•
CE bit toggle or RESET bit is set (Host controlled)
Thermal Regulation and Protection
To prevent overheating of the chip during the charging process, the IC monitors the junction temperature, TJ, of
the die and begins to taper down the charge current once TJ reaches the thermal regulation threshold, TCF. The
charge current is reduced to zero when the junction temperature increases approximately 10
°C above TCF. In
any state, if TJ exceeds TSHTDWN, the IC suspends charging. In thermal shutdown mode, PWM is turned off and
all timers are frozen. Charging resumes when TJ falls below TSHTDWN by approximately 10°C.
Charge Status Output, STAT Pin
The STAT pin is used to indicate operation conditions for bq24153A/6A/8/9. STAT is pulled low during charging
when EN_STAT bit in control register (00H) is set to
“1”. Under other conditions, STAT pin behaves as a high
impedance (open-drain) output. Under fault conditions, a 128-
µs pulse will be sent out to notify the host. The
status of STAT pin at different operation conditions is summarized in Table 1. The STAT pin can be used to drive
an LED or communicate to the host processor.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com