Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 1 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 1 Page - Texas Instruments

  CP1008 Datasheet HTML 1Page - Texas Instruments CP1008 Datasheet HTML 2Page - Texas Instruments CP1008 Datasheet HTML 3Page - Texas Instruments CP1008 Datasheet HTML 4Page - Texas Instruments CP1008 Datasheet HTML 5Page - Texas Instruments CP1008 Datasheet HTML 6Page - Texas Instruments CP1008 Datasheet HTML 7Page - Texas Instruments CP1008 Datasheet HTML 8Page - Texas Instruments CP1008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
+
PACK–
CVREF
PACK+
VBAT
CO1
22 µF
CO2
33 µF
L
1 µH
O
VSNS
10 nF
CIN
4.7
µF
CBOOT
BOOT
PGND
CSIN
CSOUT
SW
SDA
U1
bq24153A/8
HOST
PMID
SCL
CD
STAT
STAT
CD
OTG
OTG
SDA
SCL
VBUS
VAUX
10 k
10 k
10 k
10 k
10 k
CSIN
CIN
CSOUT
0.1 µF
0.1 µF
1 µF
1 µF
VBUS
VREF
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
With Full USB Compliance and USB-OTG Support
Check for Samples: bq24153A, bq24156A, bq24158, bq24159
1
FEATURES
23
•
Charge Faster than Linear Chargers
•
Synchronous Fixed-Frequency PWM
Controller Operating at 3 MHz With 0% to
•
High-Accuracy Voltage and Current Regulation
99.5% Duty Cycle
– Input Current Regulation Accuracy: ±5%
•
Automatic High Impedance Mode for Low
(100 mA and 500 mA)
Power Consumption
– Charge Voltage Regulation Accuracy:
•
Robust Protection
±0.5% (25°C), ±1% (0°C to 125°C)
– Reverse Leakage Protection Prevents
– Charge Current Regulation Accuracy: ±5%
Battery Drainage
•
Input Voltage Based Dynamic Power
– Thermal Regulation and Protection
Management (VIN DPM)
– Input/Output Overvoltage Protection
•
Bad Adaptor Detection and Rejection
•
Status Output for Charging and Faults
•
Safety Limit Register for Maximum Charge
Voltage and Current Limiting
•
USB Friendly Boot-Up Sequence
•
High-Efficiency Mini-USB/AC Battery Charger
•
Automatic Charging
for Single-Cell Li-Ion and Li-Polymer Battery
•
Power Up System without Battery bq24158/9
Packs
•
Boost Mode Operation for USB OTG:
•
20-V Absolute Maximum Input Voltage Rating
(bq24153A/8 only)
•
9-V Maximum Operating Input
– Input Voltage Range (from Battery): 2.5 V to
Voltage-bq24156A/9
4.5 V
•
6-V Maximum Operating Input
– Output for VBUS: 5.05 V/ 200 mA
Voltage-bq24153A/8
•
2.1 mm x 2 mm 20-Pin WCSP Package
•
Built-In Input Current Sensing and Limiting
•
Integrated Power FETs for Up To 1.5-A Charge
APPLICATIONS
Rate-bq24156A/9, 1.25A-bq24153A/8
•
Mobile and Smart Phones
•
Programmable Charge Parameters through
•
MP3 Players
I2C
™ Compatible Interface (up to 3.4 Mbps):
•
Handheld Devices
– Input Current Limit
Figure 1. Typical Application Circuit
– VIN DPM Threshold
– Fast-Charge/Termination Current
– Charge Regulation Voltage (3.5 V to 4.44 V)
– Low Charge Current Mode Enable/Disable
– Safety Timer with Reset Control
– Termination Enable/Disable
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
I2C is a trademark of NXP B.V. Corporation.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CP1008

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1008 PANJIT-CP1008 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
Transys Electronics
CP1008 TRSYS-CP1008 Datasheet
114Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Texas Instruments
CP1008 TI-CP1008 Datasheet
2Mb / 38P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
logo
List of Unclassifed Man...
CP1008 ETC-CP1008 Datasheet
315Kb / 3P
Transhield CP1000 Series
logo
Multicomp Pro
CP1008 MULTICOMP-CP1008 Datasheet
194Kb / 3P
Single Phase Bridge Rectifiers
19/05/12 V1.1
More results

Similar Description - CP1008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com