Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 17 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 13Page - Texas Instruments CP1008 Datasheet HTML 14Page - Texas Instruments CP1008 Datasheet HTML 15Page - Texas Instruments CP1008 Datasheet HTML 16Page - Texas Instruments CP1008 Datasheet HTML 17Page - Texas Instruments CP1008 Datasheet HTML 18Page - Texas Instruments CP1008 Datasheet HTML 19Page - Texas Instruments CP1008 Datasheet HTML 20Page - Texas Instruments CP1008 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Charge Command
(HostControlorVBUS
RampsUp)
Bad AdaptorDetected
PulsingSTAT Pin
SetBad AdaptorFlag
VBUS>VIN(MIN)?
No
Yes
Enable AdaptorDetection
Start 30ms Timer
EnableInputCurrentSink
(30mA, toGND)
30ms Timer
Expired?
Yes
No
Delay TINT
(2 Seconds)
Good AdaptorDetected
Disable AdaptorDetection
ChargeStart
EnableVIN BasedDPM
Delay 10mS
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
Figure 28. Bad Adaptor Detection Scheme Flow Chart
Sleep Mode
The IC enters the low-power sleep mode if the VBUS pin voltage falls below the sleep-mode entry threshold,
VCSOUT+VSLP, and VBUS is higher than the bad adaptor detection threshold, VIN(MIN). This feature prevents
draining the battery during the absence of VBUS. During sleep mode, both the reverse blocking switch Q1 and
PWM are turned off.
Input Voltage Based DPM (Special Charger Voltage Threshold)
During the charging process, if the input power source is not able to support the programmed or default charging
current, the VBUS voltage will decrease. Once the VBUS drops to VIN_DPM (default 4.52V), the charge current
begins to taper down to prevent any further drop of VBUS. When the IC enters this mode, the charge current is
lower than the set value and the special charger bit is set (B4 in Register 05H). This feature makes the IC
compatible with adapters having different current capabilities.
BATTERY PROTECTION
Output Overvoltage Protection
The IC provides a built-in overvoltage protection to protect the device and other components against damage if
the battery voltage goes too high, as when the battery is suddenly removed. When an overvoltage condition is
detected, the IC turns off the PWM converter, sets fault status bits, and sends out a fault pulse from the STAT
pin. Once V(CSOUT) drops to the battery overvoltage exit threshold, the fault is cleared and charge process
resumes.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com