Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 33 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 29Page - Texas Instruments CP1008 Datasheet HTML 30Page - Texas Instruments CP1008 Datasheet HTML 31Page - Texas Instruments CP1008 Datasheet HTML 32Page - Texas Instruments CP1008 Datasheet HTML 33Page - Texas Instruments CP1008 Datasheet HTML 34Page - Texas Instruments CP1008 Datasheet HTML 35Page - Texas Instruments CP1008 Datasheet HTML 36Page - Texas Instruments CP1008 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
´
´
´ D
OUT
L
VBAT
(VBUS - VBAT)
L
=
VBUS
I
f
OUT
6
2.5
(5 - 2.5)
L
=
5
(3
10 )
1.25
0.3
´
´
´
´
´
´
D
´
´
L
OUT
VBAT
(VBUS - VBAT)
I =
VBUS
L
f
L
-6
2.5
(5 - 2.5)
I =
6
5
(3
10 )
(1
10
)
´
D
´
´
´
´
L
LPK
OUT
I
I
I
2
D
=
+
LPK
0.42
I
1.25
2
=
+
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
3. The charger can disable termination and keep the converter running to keep battery fully charged; or let the
switcher terminate when the battery is full and then allow the system to run off of the battery through the
sense resistor.
Design considerations and potential issues:
1. The total current is limited by the IC input current limit, or peak current protection, but not the charge current
setting. The charge current does not drop when the system current load increases until the input current limit
is reached. This solution is not recommended if the system requires a high current.
2. Efficiency declines when discharging through the sense resistor to the system.
3. No thermal regulation. Therefore, the system design should ensure the maximum junction temperature of the
IC is below 125
°C during normal operation.
DESIGN EXAMPLE FOR TYPICAL APPLICATION CIRCUIT
Systems Design Specifications:
•
VBUS = 5 V
•
VBAT = 4.2 V (1-Cell)
•
I(charge) = 1.25 A
•
Inductor ripple current = 30% of fast charge current
1. Determine the inductor value (LOUT) for the specified charge current ripple:
, the worst case is when battery voltage is as close as to half of the input
voltage.
(4)
LOUT = 1.11 μH
Select the output inductor to standard 1
μH. Calculate the total ripple current with using the 1-μH inductor:
(5)
(6)
ΔIL = 0.42 A
Calculate the maximum output current:
(7)
(8)
ILPK = 1.46 A
Select 2.5mm by 2mm 1-
μH 1.5-A surface mount multi-layer inductor. The suggested inductor part numbers
are shown as following.
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com