Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 11 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 7Page - Texas Instruments CP1008 Datasheet HTML 8Page - Texas Instruments CP1008 Datasheet HTML 9Page - Texas Instruments CP1008 Datasheet HTML 10Page - Texas Instruments CP1008 Datasheet HTML 11Page - Texas Instruments CP1008 Datasheet HTML 12Page - Texas Instruments CP1008 Datasheet HTML 13Page - Texas Instruments CP1008 Datasheet HTML 14Page - Texas Instruments CP1008 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
VBUS
2V/div
VSW
5V/div
I
0.2 A/div
BUS
5mS/div
VPMID
200mV/div,
5.02VOffset
VBUS
100mV/div,
5.05VOffset
VSW
2V/div
5
S/div
m
VBAT
100mV/div,
3.5VOffset
I
0.2 A/div
L
VBUS
100mV/div,
5.05VOffset
VSW
5V/div
I
0.1 A/div
BAT
100
S/div
m
VBAT
0.2V/div,
3.5VOffset
VBUS
100mV/div,
5.05VOffset
VSW
5V/div
I
0.1 A/div
BAT
100
S/div
m
VBAT
0.2V/div,
3.5VOffset
VBUS
0.5V/div,
4.5VOffset
I
0.5 A/div
L
OTG
2V/div
10mS/div
VSW
5V/div
0
50
100
150
200
LoadCurrentatVBUS-mA
VBAT =2.7V
VBAT =3.6V
VBAT =4.2V
70
75
80
85
90
95
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
BOOST WAVEFORM (PFM MODE)
VBUS OVERLOAD WAVEFORMS (BOOST MODE)
Figure 16. VBUS = 5.05 V, VBAT = 3.5V, IBUS = 42 mA
Figure 17. VBUS = 5.05 V, VBAT = 3.5V, RLOAD (at VBUS) =
1K
Ω to 0.5Ω
LOAD STEP UP RESPONSE (BOOST MODE)
LOAD STEP DOWN RESPONSE (BOOST MODE)
Figure 18. VBUS = 5.05 V, VBAT = 3.5V, IBUS = 0-217 mA
Figure 19. VBUS = 5.05 V, VBAT = 3.5V, IBUS = 217 mA
BOOST TO CHARGE MODE TRANSITION (OTG CONTROL)
BOOST EFFICIENCY
Figure 20. VBUS = 4.5 V (Charge Mode) / 5.1 V
Figure 21.
(Boost Mode), VBAT = 3.5V, IIN_LIM = 500 mA, (32S mode)
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com