Electronic Components Datasheet Search
  English  ▼

X  

CP1008 Datasheet(PDF) 9 Page - Texas Instruments

Part # CP1008
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CP1008 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CP1008 Datasheet HTML 5Page - Texas Instruments CP1008 Datasheet HTML 6Page - Texas Instruments CP1008 Datasheet HTML 7Page - Texas Instruments CP1008 Datasheet HTML 8Page - Texas Instruments CP1008 Datasheet HTML 9Page - Texas Instruments CP1008 Datasheet HTML 10Page - Texas Instruments CP1008 Datasheet HTML 11Page - Texas Instruments CP1008 Datasheet HTML 12Page - Texas Instruments CP1008 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
VBUS
2V/div
VSW
5V/div
I
0.5 A/div
BAT
10ms/div
VSW
2V/div
I
0.5 A/div
L
2
s/div
m
I
0.5 A/div
L
VSW
2V/div
100nS/div
VBAT
2V/div
VSW
5V/div
I
0.5 A/div
BAT
1S/div
BatteryInserted
BatteryRemoved
VBAT
2V/div
VBUS
5V/div
I
50mA/div
BUS
100mS/div
VBAT
2V/div
VBUS
4V/div
100mS/div
VSW
5V/div
IBUS
100mA/div
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
TYPICAL PERFORMANCE CHARACTERISTICS
Using circuit shown in Figure 2, TA = 25°C, unless otherwise specified.
vertical spacer
ADAPTER INSERTION
CYCLE BY CYCLE CURRENT LIMITING IN CHARGE MODE
Figure 4. VBUS = 0-5V, Iin_limit = 500mA, Voreg = 4.2V
Figure 5. VBUS = 5V, VBAT = 3.5V
VBAT = 3.5V, ICHG = 550mA, 32S mode
Charge Mode Overload Operation
BATTERY INSERTION/REMOVAL
PWM CHARGING WAVEFORMS
Figure 6. VBUS = 5 V, VBAT = 3.4V, Iin_limit = 500 mA
Figure 7. VBUS = 5 V, VBAT = 2.6 V, Voreg = 4.2 V,
(32s Mode)
ICHG = 1550 mA
BATTERY DETECTION AT POWER UP (bq24153A/6A)
BATTERY DETECTION AT POWER UP (bq24158/9)
Figure 8. VBUS = 5V, No Battery Connected
Figure 9. VBUS = 5V, No Battery Connected
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24153A bq24156A bq24158 bq24159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com